công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCH152CN103C bảng dữ liệu(PDF) 1 Page - Rohm |
|
MCH152CN103C bảng dữ liệu(HTML) 1 Page - Rohm |
1 / 6 page 1005(0402)Size chip capacitors : MCH15 Quick Reference Product No. list External dimensions (Unit : mm) Production designation Miniture, light weight Suitable for mobile devices Lead-free plating terminal No polarity The design and specifications are subject to change without prior notice. Before ordering or using, please check the latest technical specifications. For more detail information regarding temperature characteristic code and packaging style code, please check product destination. ● ● ● ● Range of high dielectric constant capacitors Rated voltage Part No. M C H 1 4 3 2 5 Code Packing Style 1 Temp. coefficient or percent change Operating temp. range(℃) Capacitance-temperature characteristics EIA code A,AN CN FN Code CG (C0G) CH R B (X5R) (X7R) F (Y5V) 5 5 −55∼+125 −55∼+125 −55∼+125 −25∼+ 85 (−55∼+ 85) (−55∼+125) −25∼+ 85 (−30∼+ 85) F 0 ±30ppm/℃ 0 ±60ppm/℃ ±15% ±10% (±15%) (±15%) +30%, −80% (+22%, −82%) 0 3 Code K L C Prduct thickness 0.5mm 0.5mm 0.5mm Packing specification Paper tape(width 8mm, pitch 2mm) Paper tape(width 8mm, pitch 2mm) Bulk case Reel φ180mm(7in.) φ330mm(13in.) ― Basic ordering unit(pcs.) 10,000 50,000 50,000 Z K 10V 16V 25V 50V Voltage Capacitance tolerance Code ±0.25pF(0.5∼5pF) ±0.5pF(5.1∼10pF) ±5%(11pF or more) ±10% +80%, −20% Tolerance C D J K Z Temperature Rated voltage(V) Product thickness(mm) Capacitance(pF) Capacitance tolerance Nominal capacitance series A,AN (CG) (C0G) (CH)Characteristic 50V 0.5 ± 0.05 0.5 ∼220 〈over 11pF〉:J(± 5%),〈0.5 ∼ 5pF〉:C(± 0.25pF),〈5.1 ∼ 10pF〉:D(± 0.5pF) E24 Packing style code K , L, C MCH15 ×2 N Temperature Rated voltage(V) Product thickness(mm) Capacitance(pF) Capacitance tolerance Nominal capacitance series FN (F) (Y5V)Characteristic 25V 0.5 ± 0.05 22,000 Z (+80%,−20%) E3 50V 1,000 ∼10,000 16V 47,000 ∼100,000 Packing style code K , L, C MCH15 Temperature Rated voltage(V) Product thickness(mm) Capacitance(pF) Capacitance tolerance Nominal capacitance series 50V 220 ∼6,800 16V 10,000 ∼47,000 CN(X5R)Characteristic 10V 68,000 ∼100,000 CN (R) (B) (X7R)Characteristic 25V 10,000 K (±10%) E6 Packing style code K , L, C MCH15 0.1Min. 0.3Min. 1.0 ±0.05 0.5 ±0.05 Reel(φ180,φ330mm):compatible with EIAJ ET-7200A Bulk case:compatible with EIAJ ET-7201A Temperature Rated voltage(V) Capacitance(pF) A ・AN(CG) (COG) (CH)Characteristic 50V Product No. MCH155A (AN)0R5C ∗ MCH155A (AN)R75C ∗ MCH155A (AN)010C ∗ MCH155A (AN)1R1C ∗ MCH155A (AN)1R2C ∗ MCH155A (AN)1R3C ∗ MCH155A (AN)1R5C ∗ MCH155A (AN)1R6C ∗ MCH155A (AN)1R8C ∗ MCH155A (AN)020C ∗ MCH155A (AN)2R2C ∗ MCH155A (AN)2R4C ∗ MCH155A (AN)2R7C ∗ MCH155A (AN)030C ∗ MCH155A (AN)3R3C ∗ MCH155A (AN)3R6C ∗ MCH155A (AN)3R9C ∗ MCH155A (AN)040C ∗ MCH155A (AN)4R3C ∗ MCH155A (AN)4R7C ∗ MCH155A (AN)050C ∗ MCH155A (AN)5R1D ∗ MCH155A (AN)5R6D ∗ MCH155A (AN)060D ∗ MCH155A (AN)6R2D ∗ MCH155A (AN)6R8D ∗ MCH155A (AN)070D ∗ MCH155A (AN)7R5D ∗ MCH155A (AN)080D ∗ MCH155A (AN)8R2D ∗ MCH155A (AN)090D ∗ MCH155A (AN)9R1D ∗ MCH155A (AN)100D ∗ 0.5 0.75 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.0 4.3 4.7 5.0 5.1 5.6 6 6.2 6.8 7 7.5 8 8.2 9 9.1 10 C (±0.25pF) D (±0.5pF) 0.5 ±0.05 Temperature Rated voltage(V) Capacitance(pF) 50V Product No. MCH155CN221K ∗ MCH155CN331K ∗ MCH155CN471K ∗ MCH155CN681K ∗ MCH155CN102K ∗ MCH155CN152K ∗ MCH155CN222K ∗ MCH155CN332K ∗ MCH155CN472K ∗ MCH155CN682K ∗ CN (R) (B) (X7R)Characteristic 25V Product No. MCH152CN103K ∗ 16V Product No. MCH153CN103K ∗ MCH153CN153K ∗ MCH153CN223K ∗ MCH153CN333K ∗ MCH153CN473K ∗ CN (X5R)Characteristic 10V Product No. MCH154CN683K ∗ MCH154CN104K ∗ K (±10%) 0.5 ±0.05 220 330 470 680 1,000 1,500 2,200 3,300 4,700 6,800 10,000 15,000 22,000 33,000 47,000 68,000 100,000 Temperature Rated voltage(V) Capacitance(pF) 50V Product No. MCH155FN102Z ∗ MCH155FN222Z ∗ MCH155FN472Z ∗ MCH155FN103Z ∗ FN (F) (Y5V)Characteristic 25V Product No. MCH152FN223Z ∗ 16V Product No. MCH153FN473Z ∗ MCH153FN104Z ∗ Z (+80%,−20%) 0.5 ±0.05 1,000 2,200 4,700 10,000 22,000 47,000 100,000 Temperature Rated voltage(V) Capacitance(pF) A ・AN(CG) (COG) (CH)Characteristic 50V Product No. MCH155A (AN)110J ∗ MCH155A (AN)120J ∗ MCH155A (AN)130J ∗ MCH155A (AN)150J ∗ MCH155A (AN)160J ∗ MCH155A (AN)180J ∗ MCH155A (AN)200J ∗ MCH155A (AN)220J ∗ MCH155A (AN)240J ∗ MCH155A (AN)270J ∗ MCH155A (AN)300J ∗ MCH155A (AN)330J ∗ MCH155A (AN)360J ∗ MCH155A (AN)390J ∗ MCH155A (AN)430J ∗ MCH155A (AN)470J ∗ MCH155A (AN)510J ∗ MCH155A (AN)560J ∗ MCH155A (AN)620J ∗ MCH155A (AN)680J ∗ MCH155A (AN)750J ∗ MCH155A (AN)820J ∗ MCH155A (AN)910J ∗ MCH155A (AN)101J ∗ MCH155A (AN)111J ∗ MCH155A (AN)121J ∗ MCH155A (AN)131J ∗ MCH155A (AN)151J ∗ MCH155A (AN)161J ∗ MCH155A (AN)181J ∗ MCH155A (AN)201J ∗ MCH155A (AN)221J ∗ J (±5%) 0.5 ±0.05 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 0.5 ± 0.05 3-digit designation accordijg to IEC Nominal capacitance Range of thermal compensation capacitors Thermal compensation capacitors High dielectric constant capacitors Tolerance Product thickness(mm) Tolerance Product thickness(mm) Tolerance Product thickness(mm) Tolerance Product thickness(mm) 4 ∗: Packaging Code ∗: Packaging Code ∗: Packaging Code |
Số phần tương tự - MCH152CN103C |
|
Mô tả tương tự - MCH152CN103C |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |