công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM2346NE bảng dữ liệu(PDF) 2 Page - Analog Power

tên linh kiện AM2346NE
Giải thích chi tiết về linh kiện  N-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANALOGPOWER [Analog Power]
Trang chủ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2346NE bảng dữ liệu(HTML) 2 Page - Analog Power

  AM2346NE Datasheet HTML 1Page - Analog Power AM2346NE Datasheet HTML 2Page - Analog Power AM2346NE Datasheet HTML 3Page - Analog Power AM2346NE Datasheet HTML 4Page - Analog Power AM2346NE Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM2346NE
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
0.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±12 V
±10
uA
VDS = 24 V, VGS = 0 V
1
VDS = 24 V, VGS = 0 V, TJ = 55°C
10
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 4.5 V
10
A
VGS = 4.5 V, ID = 2 A
15
VGS = 2.5 V, ID = 1.6 A
23
Forward Transconductance
a
gfs
VDS = 15 V, ID = 2 A
3
S
Diode Forward Voltage
a
VSD
IS = 1.1 A, VGS = 0 V
0.68
V
Total Gate Charge
Qg
19
Gate-Source Charge
Qgs
2.9
Gate-Drain Charge
Qgd
6.4
Turn-On Delay Time
td(on)
0.3
Rise Time
tr
0.6
Turn-Off Delay Time
td(off)
3.9
Fall Time
tf
1.6
Input Capacitance
Ciss
876
Output Capacitance
Coss
116
Reverse Transfer Capacitance
Crss
78
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
pF
VDS = 15 V, VGS = 0 V, f = 1 Mhz
rDS(on)
nC
VDS = 15 V, RL = 7.5 Ω,
ID = 2 A,
VGEN = 4.5 V, RGEN = 6 Ω
VDS = 15 V, VGS = 4.5 V,
ID = 2 A
Drain-Source On-Resistance
a
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
Dynamic
b
us
© Preliminary
2
Publication Order Number:
DS_AM2346NE_1A


Số phần tương tự - AM2346NE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM2340NE ANALOGPOWER-AM2340NE Datasheet
178Kb / 3P
   N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM2340NE-T1-PF VBSEMI-AM2340NE-T1-PF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM2341P ANALOGPOWER-AM2341P Datasheet
140Kb / 3P
   P - Channel 40V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM2342 AITSEMI-AM2342 Datasheet
335Kb / 8P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV1.0
More results

Mô tả tương tự - AM2346NE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com