công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM2328N bảng dữ liệu(PDF) 2 Page - Analog Power

tên linh kiện AM2328N
Giải thích chi tiết về linh kiện  N-Channel 20V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANALOGPOWER [Analog Power]
Trang chủ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2328N bảng dữ liệu(HTML) 2 Page - Analog Power

  AM2328N Datasheet HTML 1Page - Analog Power AM2328N Datasheet HTML 2Page - Analog Power AM2328N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AM2328N
Analog Power
December, 2005 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM2328_A
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
0.4
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±8 V
±100
nA
VDS = 16 V, VGS = 0 V
1
VDS = 16 V, VGS = 0 V, TJ = 55
oC
10
On-State Drain Current
A
ID(on)
VDS = 5 V, VGS = 4.5 V
10
A
VGS = 4.5 V, ID = 5.9 A
25
VGS = 2.5 V, ID = 5.0 A
35
Forward Tranconductance
A
gfs
VDS = 10 V, ID = 5.9 A
11.3
S
Diode Forward Voltage
VSD
IS = 1.6 A, VGS = 0 V
0.75
V
Total Gate Charge
Qg
13.4
Gate-Source Charge
Qgs
0.9
Gate-Drain Charge
Qgd
2.0
Turn-On Delay Time
td(on)
8
Rise Time
tr
24
Turn-Off Delay Time
td(off)
35
Fall-Time
tf
10
Dynamic
b
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
Test Conditions
Symbol
Drain-Source On-Resistance
A
rDS(on)
VDD = 10 V, RL = 15 Ω, ID = 1 A,
VGEN = 4.5 V
VDS = 10 V, VGS = 4.5 V, ID = 5.9 A
nC
ns
mΩ
Parameter
Limits
Unit


Số phần tương tự - AM2328N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Power
AM2328NE ANALOGPOWER-AM2328NE Datasheet
92Kb / 3P
   N-Channel 20V (D-S) MOSFET
More results

Mô tả tương tự - AM2328N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bruckewell Technology L...
MS23N20Z BWTECH-MS23N20Z Datasheet
789Kb / 6P
   N-Channel 20V (D-S) MOSFET
logo
Analog Power
AM3428N ANALOGPOWER-AM3428N Datasheet
166Kb / 3P
   N-Channel 20V (D-S) MOSFET
AM1320N ANALOGPOWER-AM1320N Datasheet
192Kb / 4P
   N-Channel 20V (D-S) MOSFET
AM2332N ANALOGPOWER-AM2332N Datasheet
178Kb / 5P
   N-Channel 20V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
4410AGM VBSEMI-4410AGM Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
4800AGM-HF VBSEMI-4800AGM-HF Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
4800BGM-HF VBSEMI-4800BGM-HF Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
SPN4412WS8RGB VBSEMI-SPN4412WS8RGB Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
AM9410N-T1-PF VBSEMI-AM9410N-T1-PF Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
AO4418 VBSEMI-AO4418 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
11D3L VBSEMI-11D3L Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com