công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK681-352GEVB bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện STK681-352GEVB
Giải thích chi tiết về linh kiện  Forward/Reverse Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK681-352GEVB bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  STK681-352GEVB Datasheet HTML 1Page - ON Semiconductor STK681-352GEVB Datasheet HTML 2Page - ON Semiconductor STK681-352GEVB Datasheet HTML 3Page - ON Semiconductor STK681-352GEVB Datasheet HTML 4Page - ON Semiconductor STK681-352GEVB Datasheet HTML 5Page - ON Semiconductor STK681-352GEVB Datasheet HTML 6Page - ON Semiconductor STK681-352GEVB Datasheet HTML 7Page - ON Semiconductor STK681-352GEVB Datasheet HTML 8Page - ON Semiconductor STK681-352GEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
61913HK 018-13-0025 /70611HKPC/30211HKPC No.A1929-1/14
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
STK681-352-E
Overview
The STK681-352-E is a hybrid IC for use in current control forward/reverse DC motor driver with brush.
Applications
 Office photocopiers, printers, etc.
Features
Allows forward, reverse, and brake operations in accordance with the external input signal.
8A peak startup output current and 12A peak brake output current.
On-chip output short-circuit detection function.
Reduced voltage detection function (15V) for a motor supply voltage.
Connecting an external current detection resistor allows overcurrent detection and peak current control in the
PWMoperation mode.
Obviate the need to design for the dead time in order to turn off the upper- and lower drive devices when
switchingbetween the forward and reverse operation mode.
Specifications
Absolute Maximum Ratings at Tc = 25
C
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage
VCC max
38
V
Input voltage
VIN max
Logic input pins
-0.3 to +6.0
V
Output current 1
IO1 max
DC current
6.4
A
Output current 2
IO2 max
Pulse current: 10ms
8
A
Output current 3
IO3 max
Pulse current: 16
s
24
A
Brake current
IOB max
Square wave current, operating time 15ms
(single pulse, low side brake)
12
A
Allowable power dissipation
PdPK max
No heat sink
2.8
W
Operating substrate temperature
Tc
Metal surface temperature of the package
-20 to +105
C
Junction temperature
Tj max
150
C
Storage temperature
Tstg
-40 to +125
C
Ordering number : ENA1929B
Thick-Film Hybrid IC
Forward/Reverse Motor Driver
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
ORDERING INFORMATION
See detailed ordering and shipping information on page 14 of this data sheet.


Số phần tương tự - STK681-352GEVB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK681-352-E SANYO-STK681-352-E Datasheet
119Kb / 14P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
STK681-352-E ONSEMI-STK681-352-E Datasheet
97Kb / 14P
   Forward/Reverse Motor Driver
June, 2013
More results

Mô tả tương tự - STK681-352GEVB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com