công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5273IPFP bảng dữ liệu(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS5273IPFP
Giải thích chi tiết về linh kiện  8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5273IPFP bảng dữ liệu(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS5273IPFP Datasheet HTML 7Page - Burr-Brown (TI) ADS5273IPFP Datasheet HTML 8Page - Burr-Brown (TI) ADS5273IPFP Datasheet HTML 9Page - Burr-Brown (TI) ADS5273IPFP Datasheet HTML 10Page - Burr-Brown (TI) ADS5273IPFP Datasheet HTML 11Page - Burr-Brown (TI) ADS5273IPFP Datasheet HTML 12Page - Burr-Brown (TI) ADS5273IPFP Datasheet HTML 13Page - Burr-Brown (TI) ADS5273IPFP Datasheet HTML 14Page - Burr-Brown (TI) ADS5273IPFP Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADS5273
SBAS305A − JANUARY 2004 − REVISED FEBRUARY 2004
www.ti.com
11
THEORY OF OPERATION
OVERVIEW
The ADS5273 is an 8-channel, high-speed, CMOS ADC,
consisting of a high-performance sample-and-hold circuit
at the input, followed by a 12-bit ADC. The 12 bits given out
by each channel are serialized and sent out on a single pair
of pins in LVDS format. All eight channels of the ADS5273
operate from a single clock referred to as ADCLK. The
sampling clock for each of the eight channels is generated
from the input clock using a carefully matched clock buffer
tree. The 12X clock required for the serializer is generated
internally from ADCLK using a phase lock loop (PLL). A 6X
and a 1X clock are also output in LVDS format along with
the data to enable easy data capture. The ADS5273
operates from an internally generated reference voltage
that is trimmed to ensure matching across multiple devices
on a board. This feature eliminates the need for external
routing of reference lines and also improves matching of
the gain across devices. The nominal values of REFP and
REFN are 2V and 1V, respectively. These values imply that
a differential input of −1V corresponds to the zero code of
the ADC, and a differential input of +1V corresponds to the
full-scale code (4095 LSB). VCM (common-mode voltage
of REFP and REFN) is also made available externally
through a pin, and is nominally 1.5V.
The ADC employs a pipelined converter architecture
consisting of a combination of multi-bit and single-bit
internal stages. Each stage feeds its data into the digital
error correction logic, ensuring excellent differential
linearity and no missing codes at the 12-bit level. The
pipeline architecture results in a data latency of 6.5 clock
cycles.
The output of the ADC goes to a serializer that operates
from a 12X clock generated by the PLL. The 12 data bits
from each channel are serialized and sent LSB first. In
addition to serializing the data, the serializer also
generates a 1X clock and a 6X clock. These clocks are
generated in the same way the serialized data is
generated, so these clocks maintain perfect synchroniza-
tion with the data. The data and clock outputs of the
serializer are buffered externally using LVDS buffers.
Using LVDS buffers to transmit data externally has
multiple advantages, such as a reduced number of output
pins (saving routing space on the board), reduced power
consumption, and reduced effects of digital noise coupling
to the analog circuit inside the ADS5273.
The ADS5273 operates from two sets of supplies and
grounds. The analog supply/ground set is denoted as
AVDD/AVSS, while the digital set is denoted by
LVDD/LVSS.
DRIVING THE ANALOG INPUTS
The analog input biasing is shown in Figure 1. The
recommended method to drive the inputs is through AC
coupling. AC coupling removes the worry of setting the
common-mode of the driving circuit, since the inputs are
biased internally using two 600
Ω resistors. The sampling
capacitor used to sample the inputs is 4pF. The choice of
the external AC coupling capacitor is dictated by the
attenuation at the lowest desired input frequency of
operation factor. The attenuation resulting from using a
10nF AC coupling capacitor is 0.04%.
CM Buffer 2
CM Buffer 1
Internal
Voltage
Reference
Input
Circuitry
IN+
IN
VCM
600
600
ADS5273
Figure 1. Analog Input Bias Circuitry
If the input is DC coupled, then the output common-mode
voltage of the circuit driving the ADS5273 should match
the VCM (which is provided as an output pin) to within
±50mV. It is recommended that the output common-mode
of the driving circuit be derived from VCM provided by the
device.
INPUT OVER-VOLTAGE RECOVERY
The differential full-scale input peak-to-peak supported by
the ADS5273 is 2V. For a nominal value of VCM (1.5V), INP
and INN can swing from 1V to 2V. The ADS5273 is
specially designed to handle an over-voltage differential
peak-to-peak voltage of 4V (2.5V and 0.5V swings on INP
and INN). If the input common-mode is not considerably off
from VCM during overload (less than 300mV), recovery
from an over-voltage input condition is expected to be
within 4 clock cycles. All of the amplifiers in the SHA and
ADC are especially designed for excellent recovery from
an overload signal.


Số phần tương tự - ADS5273IPFP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5273IPFP TI1-ADS5273IPFP Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS5273IPFPG4 TI1-ADS5273IPFPG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS5273IPFPT TI1-ADS5273IPFPT Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
More results

Mô tả tương tự - ADS5273IPFP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Texas Instruments
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com