công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SA1037 bảng dữ liệu(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

tên linh kiện 2SA1037
Giải thích chi tiết về linh kiện  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Trang chủ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SA1037 bảng dữ liệu(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SA1037 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1037 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1037 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1037 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
2SA1037
TRANSISTOR (PNP)
FEATURES
∙ Excellent hFE linearity.
∙ Complments the 2SC2412
MARKING : FQ, FR, FS
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current -Continuous
-150
mA
PC
Collector Power Dissipation
200
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-50μA,IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-50μA,IC=0
-6
V
Collector cut-off current
ICBO
VCB=-60V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-6V,IC=0
-0.1
μA
DC current gain
hFE
VCE=-6V,IC=-1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=-50mA,IB=-5mA
-0.5
V
Transition frequency
fT
VCE=-12V,IC=-2mA,f=30MHz
140
MHz
Collector output capacitance
Cob
VCB=-12V,IE=0,f=1MHz
4.0
5.0
pF
CLASSIFICATION OF hFE
Rank
Q
R
S
Range
120 - 270
180 - 390
270 - 560
SOT-23
3
1
1. BASE
2
2. EMITTER
3. COLLECTOR
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
B,Oct,2014
JC T


Số phần tương tự - 2SA1037

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
2SA1037 ROHM-2SA1037 Datasheet
76Kb / 3P
   General Purpose Transistor
logo
DONGGUAN YOU FENG WEI E...
2SA1037 YFWDIODE-2SA1037 Datasheet
587Kb / 3P
   PNP Transistors
logo
TRANSYS Electronics Lim...
2SA1037 TEL-2SA1037 Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
logo
SHIKUES Electronics
2SA1037 SKTECHNOLGY-2SA1037 Datasheet
2Mb / 3P
   Epitaxial planar type, PNP silicon transistor
logo
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
   Silicon Epitaxial Planar Transistor
More results

Mô tả tương tự - 2SA1037

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com