công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UA741CP bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
UA741CP bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 19 page µA741, µA741Y GENERAL-PURPOSE OPERATIONAL AMPLIFIERS SLOS094B – NOVEMBER 1970 – REVISED SEPTEMBER 2000 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Short-Circuit Protection D Offset-Voltage Null Capability D Large Common-Mode and Differential Voltage Ranges D No Frequency Compensation Required D Low Power Consumption D No Latch-Up D Designed to Be Interchangeable With Fairchild µA741 description The µA741 is a general-purpose operational amplifier featuring offset-voltage null capability. The high common-mode input voltage range and the absence of latch-up make the amplifier ideal for voltage-follower applications. The device is short-circuit protected and the internal frequency compensation ensures stability without external components. A low value potentiometer may be connected between the offset null inputs to null out the offset voltage as shown in Figure 2. The µA741C is characterized for operation from 0 °C to 70°C. The µA741I is characterized for operation from – 40 °C to 85°C.The µA741M is characterized for operation over the full military temperature range of – 55 °C to 125°C. symbol IN + IN – OUT + – OFFSET N1 OFFSET N2 Copyright © 2000, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 NC NC OFFSET N1 IN – IN + VCC– NC NC NC NC VCC+ OUT OFFSET N2 NC µA741M ...J PACKAGE (TOP VIEW) 1 2 3 4 8 7 6 5 OFFSET N1 IN – IN + VCC– NC VCC+ OUT OFFSET N2 µA741M ...JG PACKAGE µA741C, µA741I . . . D, P, OR PW PACKAGE (TOP VIEW) 1 2 3 4 5 10 9 8 7 6 NC OFFSET N1 IN – IN + VCC– NC NC VCC+ OUT OFFSET N2 µA741M ...U PACKAGE (TOP VIEW) 3 2 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 NC VCC+ NC OUT NC NC IN – NC IN + NC µA741M . . . FK PACKAGE (TOP VIEW) NC – No internal connection |
Số phần tương tự - UA741CP |
|
Mô tả tương tự - UA741CP |