công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A1066DBVR bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS5A1066DBVR
Giải thích chi tiết về linh kiện  10 OHM SPST ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS5A1066DBVR bảng dữ liệu(HTML) 2 Page - Texas Instruments

  TS5A1066DBVR Datasheet HTML 1Page - Texas Instruments TS5A1066DBVR Datasheet HTML 2Page - Texas Instruments TS5A1066DBVR Datasheet HTML 3Page - Texas Instruments TS5A1066DBVR Datasheet HTML 4Page - Texas Instruments TS5A1066DBVR Datasheet HTML 5Page - Texas Instruments TS5A1066DBVR Datasheet HTML 6Page - Texas Instruments TS5A1066DBVR Datasheet HTML 7Page - Texas Instruments TS5A1066DBVR Datasheet HTML 8Page - Texas Instruments TS5A1066DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TS5A1066
10 W SPST ANALOG SWITCH
SCDS185A − JANUARY 2005 − REVISED JANUARY 2005
www.ti.com
2
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar
 − WCSP (DSBGA)
0.23-mm Large Bump − YEP
Tape and reel
TS5A1066YEPR
−40
°C to 85°C
NanoFree
 − WCSP (DSBGA)
0.23-mm Large Bump − YZP (Pb-free)
Tape and reel
TS5A1066YZPR
SOT (SOT-23) − DBV
Tape and reel
TS5A1066DBVR
SOT (SC-70) − DCK
Tape and reel
TS5A1066DCKR
(1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package.
(2) DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character
to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
= Pb-free).
Absolute Minimum and Maximum Rating(1)(2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
−0.5
6.5
V
VNO
VCOM
Analog voltage range(3)(4)(5)
−0.5
V+ + 0.5
V
IK
Analog port diode current
VNO, VCOM < 0 or VNO, VCOM > V+
−50
50
mA
INO
ICOM
On-state switch current
VNO, VCOM = 0 to V+
−50
50
mA
VI
Digital input voltage range(3)(4)
−0.5
6.5
V
IIK
Digital input clamp current
VI < 0
−50
mA
I+
IGND
Continuous current through V+ or GND
−100
100
mA
θJA
Package thermal impedance(6)
165
°C/W
Tstg
Storage temperature range
−65
150
°C
(1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified
is not implied.
(2) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3) All voltages are with respect to ground, unless otherwise specified.
(4) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5) This value is limited to 5.5 V maximum.
(6) The package thermal impedance is calculated in accordance with JESD 51-7.


Số phần tương tự - TS5A1066DBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A1066DBVR TI-TS5A1066DBVR Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DBVRE4 TI-TS5A1066DBVRE4 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DBVRG4 TI-TS5A1066DBVRG4 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
More results

Mô tả tương tự - TS5A1066DBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4596DCKRG4 TI1-MAX4596DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_10 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
logo
Texas Instruments
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com