công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A1066YEPR bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện TS5A1066YEPR
Giải thích chi tiết về linh kiện  10 OHM SPST ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS5A1066YEPR bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TS5A1066YEPR Datasheet HTML 5Page - Texas Instruments TS5A1066YEPR Datasheet HTML 6Page - Texas Instruments TS5A1066YEPR Datasheet HTML 7Page - Texas Instruments TS5A1066YEPR Datasheet HTML 8Page - Texas Instruments TS5A1066YEPR Datasheet HTML 9Page - Texas Instruments TS5A1066YEPR Datasheet HTML 10Page - Texas Instruments TS5A1066YEPR Datasheet HTML 11Page - Texas Instruments TS5A1066YEPR Datasheet HTML 12Page - Texas Instruments TS5A1066YEPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TS5A1066
10 W SPST ANALOG SWITCH
SCDS185A − JANUARY 2005 − REVISED JANUARY 2005
www.ti.com
9
Electrical Characteristics for 1.8-V Supply(1)
V+ = 1.65 V to 1.95 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal range
VCOM,
VNO
0
V+
V
ON-state
ron
0
≤ VNO ≤ V+,
Switch ON,
25
°C
1.65 V
74.5
80
ON-state
resistance
ron
0
≤ VNO ≤ V+,
ICOM = −4 mA,
Switch ON,
See Figure 13
Full
1.65 V
100
ON-state
ron(flat)
0
≤ VNO ≤ V+,
Switch ON,
25
°C
1.65 V
64.5
70
ON-state
resistance flatness
ron(flat)
0
≤ VNO ≤ V+,
ICOM = −4 mA,
Switch ON,
See Figure 13
Full
1.65 V
90
NO
OFF leakage
INO(OFF)
VNO = 0.3 V, VCOM = 1.65 V,
or
Switch OFF,
25
°C
1.95 V
−0.2
0.1
0.2
A
OFF leakage
current
INO(OFF)
NO
COM
or
VNO = 1.65 V, VCOM = 0.3 V,
Switch OFF,
See Figure 14
Full
1.95 V
−2
2
µA
COM
OFF leakage
ICOM(OFF)
VCOM = 0.3 V, VNO = 1.65 V,
or
Switch OFF,
25
°C
1.95 V
−0.1
0.05
0.1
A
OFF leakage
current
ICOM(OFF)
COM
NO
or
VCOM = 1.65 V, VNO = 0.3 V,
Switch OFF,
See Figure 14
Full
1.95 V
−0.2
0.2
µA
NO
INO(ON)
VNO = 0.3 V, VCOM = Open,
or
Switch ON,
25
°C
1.95 V
−0.2
0.1
0.2
A
NO
ON leakage current
INO(ON)
NO
COM
or
VNO = 1.65 V, VCOM = Open,
Switch ON,
See Figure 15
Full
1.95 V
−2
2
µA
COM
ICOM(ON)
VCOM = 0.3 V, VNO = Open,
or
Switch ON,
25
°C
1.95 V
−0.1
0.05
0.1
A
COM
ON leakage current
ICOM(ON)
COM
NO
or
VCOM = 1.65 V, VNO = Open,
Switch ON,
See Figure 15
Full
1.95 V
−0.2
0.2
µA
Digital Control Input (IN)
Input logic high
VIH
Full
V+ × 0.65
5.5
V
Input logic low
VIL
Full
0
V+ × 0.35
V
Input leakage
IIH, IIL
VI = 5.5 V or 0
25
°C
1.95 V
−0.1
0.05
0.1
A
Input leakage
current
IIH, IIL
VI = 5.5 V or 0
Full
1.95 V
−1
1
µA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum


Số phần tương tự - TS5A1066YEPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A1066YEPR TI-TS5A1066YEPR Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
More results

Mô tả tương tự - TS5A1066YEPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4596DCKRG4 TI1-MAX4596DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_10 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
logo
Texas Instruments
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com