công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL16PNP100A bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện TL16PNP100A
Giải thích chi tiết về linh kiện  STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL16PNP100A bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TL16PNP100A Datasheet HTML 1Page - Texas Instruments TL16PNP100A Datasheet HTML 2Page - Texas Instruments TL16PNP100A Datasheet HTML 3Page - Texas Instruments TL16PNP100A Datasheet HTML 4Page - Texas Instruments TL16PNP100A Datasheet HTML 5Page - Texas Instruments TL16PNP100A Datasheet HTML 6Page - Texas Instruments TL16PNP100A Datasheet HTML 7Page - Texas Instruments TL16PNP100A Datasheet HTML 8Page - Texas Instruments TL16PNP100A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TL16PNP100A
STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
SLLS200C – MARCH 1995 – REVISED SEPTEMBER 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
– 0.5
0.8
V
Operating free-air temperature, TA
0
70
°C
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
IOH = – 4 mA (see Note 1)
VCC – 0.8
V
VOH
High-level output voltage
IOH = – 12 mA (see Note 2)
VCC – 0.8
V
VOL
Low level output voltage
IOL = 4 mA (see Note 1)
0.5
V
VOL
Low-level output voltage
IOL = 24 mA (see Note 2)
0.5
V
Il
Input current
VCC = 5.25 V,
VSS = 0,
All other terminals
±1
µA
Il
Input current
CC
,
VI = 0 to 5.25 V,
All other terminals
floating
±1
µA
High impedance state output cur
VCC = 5.25 V,
VSS = 0,
IOZ
High-impedance-state output cur-
rent
VCC 5.25 V,
VSS 0,
VO = 0 to 5.25 V,
±10
µA
OZ
rent
O
Pullup transistors and pulldown transistors are off
µ
VCC =5 25 V
TA =25°C
VCC = 5.25 V,
TA = 25°C,
ICC
Supply current
All inputs at 0.8 V,
CLK at 4 MHz,
0.7
mA
ICC
Su
ly current
All in uts at 0.8 V,
CLK at 4 MHz,
No load on outputs
0.7
mA
No load on outputs
Ci(CLK)
Clock input capacitance
15
20
pF
fCLK
Clock frequency
10
22
MHz
† All typical values are at VCC = 5 V and TA = 25°C.
NOTES:
1. These parameters apply for all outputs except D7 – D0, IRQ3 – IRQ7 and IRQ9.
2. These parameters only apply for D7 – D0 and IRQ3 – IRQ7 and IRQ9 outputs.
clock timing requirements over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
ALTERNATE
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
tw(SCLKH)
Pulse duration, SCLK high to low (see Note 3)
tCHCL
250
ns
tw(SCLKL)
Pulse duration, SCLK low to high (see Note 3)
tCLCH
See Figure 8
250
ns
fCLK
SCLK clock frequency (see Note 4)
0.3
0.68
MHz
NOTES:
3. The ST93C56 chip select, S, must be brought low for a minimum of 250 ns (tSLSH) between consecutive instruction cycles according
to the ST93C56 specification.
4. The SCLK signal is attained by internally dividing the frequency of the XIN signal by 32.


Số phần tương tự - TL16PNP100A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
TL16PNP100AFN TI1-TL16PNP100AFN Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
TL16PNP100AFNR TI1-TL16PNP100AFNR Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
TL16PNP100APT TI1-TL16PNP100APT Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
More results

Mô tả tương tự - TL16PNP100A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16PNP200A TI1-TL16PNP200A Datasheet
340Kb / 10P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
List of Unclassifed Man...
82C931 ETC-82C931 Datasheet
634Kb / 64P
   Plug and Play Integrated Audio Controller
logo
Cirrus Logic
CS8920A CIRRUS-CS8920A Datasheet
1Mb / 144P
   CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
   Plug and Play Compatible Ultra I/O Controller
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
   ISA/Plug & Play Super Ethernet Controller
logo
Texas Instruments
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
logo
Exar Corporation
XR16C872 EXAR-XR16C872 Datasheet
347Kb / 60P
   DUAL UART WITH 1284 PARALLEL PORT AND PLUG-AND-PLAY CONTROLLER
logo
Texas Instruments
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com