công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SC2412 bảng dữ liệu(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

tên linh kiện 2SC2412
Giải thích chi tiết về linh kiện  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Trang chủ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2412 bảng dữ liệu(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC2412 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2412 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2412 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2412 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23
Plastic-Encapsulate Transistors
2SC2412
TRANSISTOR (NPN)
FEATURES
· Low C
ob ,Cob = 2.0 pF (Typ).
MARKING : BQ, BR, BS
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=50μA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA,IC=0
7
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=7V,IC=0
0.1
μA
DC current gain
hFE
VCE=6V,IC=1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=5mA
0.4
V
Transition frequency
fT
VCE=12V,IC=-2mA,f=100MHz
1
60
MHz
Collector output capacitance
Cob
VCB=12V,IE=0,f=1MHz
2.0
3.5
pF
CLASSIFICATION OF hFE
Rank
Q
R
S
Range
120 - 270
180 - 390
270 - 560
Marking
BQ
BR
BS
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
JC T
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
B,Oct,2014
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current
150
mA
PC
Collector Power Dissipation
200
mW
RΘJA
Thermal Resistance From Junction To Ambient
625
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150


Số phần tương tự - 2SC2412

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
2SC2412 ROHM-2SC2412 Datasheet
77Kb / 3P
   2SC4097 / 2SC1741S
logo
SHENZHEN SLS TECHNOLOGY...
2SC2412 SHENZHENSLS-2SC2412 Datasheet
552Kb / 3P
   Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC2412 BILIN-2SC2412 Datasheet
318Kb / 4P
   Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SC2412 KEXIN-2SC2412 Datasheet
1Mb / 2P
   NPN Transistors
logo
SeCoS Halbleitertechnol...
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
More results

Mô tả tương tự - 2SC2412

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com