công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SC1359 bảng dữ liệu(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

tên linh kiện 2SC1359
Giải thích chi tiết về linh kiện  TO-92 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Trang chủ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC1359 bảng dữ liệu(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC1359 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1359 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1359 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO – 92
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SC1359
TRANSISTOR (NPN)
FEATURES
Optimum for RF Amplification of FM/AM Radios.
High Transition Frequency fT.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.1mA,IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=10V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=10V, IC=1mA
70
220
Collector-emitter saturation voltage
VCE(sat)
IC=15mA,IB=1.5mA
0.2
V
Base-emitter saturation voltage
VBE (sat)
IC=15mA,IB=1.5mA
1.2
V
Transition frequency
fT
VCE=10V,IC=1mA, f=200MHz
150
MHz
CLASSIFICATION OF hFE
RANK
B
C
RANGE
70-140
110-220
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
30
mA
PC
Collector Power Dissipation
400
mW
RθJA
Thermal Resistance From Junction To Ambient
312
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
C,Dec,2015


Số phần tương tự - 2SC1359

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
2SC1359 PANASONIC-2SC1359 Datasheet
52Kb / 3P
   Silicon NPN epitaxial planer type(For high-frequency amplification)
logo
SeCoS Halbleitertechnol...
2SC1359 SECOS-2SC1359 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
logo
Nanjing International G...
2SC1359 DGNJDZ-2SC1359 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
2SC1359-TA DGNJDZ-2SC1359-TA Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Mô tả tương tự - 2SC1359

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com