công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW25S15 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện FW25S15
Giải thích chi tiết về linh kiện  IDC Ribbon Connectors Flachbandkabelsteckverbinder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

FW25S15 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  FW25S15 Datasheet HTML 1Page - List of Unclassifed Manufacturers FW25S15 Datasheet HTML 2Page - List of Unclassifed Manufacturers FW25S15 Datasheet HTML 3Page - List of Unclassifed Manufacturers FW25S15 Datasheet HTML 4Page - List of Unclassifed Manufacturers FW25S15 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FPHF-... for IDC Ribbon Connectors
Dimensions – View Without Cover
Ordering Example
Flat cable plastic hood for shell size , metallised:
FPHF-2AE
Bestellbeispiel
Flachbandkabelhaube für Gehäusegröße 2, metallisiert:
FPHF-2AE
Haube FPHF-... für Flachbandkabelsteckverbinder
Abmessungen – Ansicht ohne Deckel
Assembly
Montagehinweis
fctgroup.com I 
IDC Ribbon Connectors
Flachbandkabelsteckverbinder
Technical Details
Technische Hinweise
Bandkabel
ribbon cable
B
A
C
mit Zugentlastung
with strain relief
F2
ohne Zugentlastung
without strain relief
F1
±0.012
±0.3
0.787
4-40 UNC-2A
20
16 ±0.3
0.63 ±0.012
Ansicht der Haube ohne Deckelseite
view of the hood without lid
G
L
K
All hoods include 4-40 UNC locking screws. FPHF-...
only available singly packed. Strain relief for hood se-
ries FPHF-...E is delivered as standard. Strain relief for
hood series FPHF-...AE (metallized) is not delivered as
standard.
Alle Hauben inklusive Verriegelungsschrauben 4-40
UNC. FPHF-... sind nur einzeln verpackt lieferbar.
Bei der Haubenserie FPHF-...E ist eine Zugentlastung
als Standardzubehör im Lieferumfang enthalten.
Bei der Haubenserie FPHF-...AE (metallisiert) ist eine
Zugentlastung als Standardzubehör nicht im Liefer-
umfang enthalten.
Order-No.
Shell Size / for
A
B
C
F1
F2
GK
L
No. of Contacts
±0,3
±0,1
±0,3
max.
max.
±0,3
±0,3
±0,3
Bestell-
Gehäusegröße /
(±0,012)
(±0,004)
(±0,012)
(±0,012)
(±0,012)
(±0,012)
nummer
für Polzahl
14,3
33,3
40,0
20,8
19,2
28,0
26,0
27,9
(0,563)
(1,311)
(1,575)
(0,819)
(0,756)
(1,102)
(1,024)
(1,098)
27,9
47,0
53,2
35,8
32,0
42,5
38,8
41,5
(1,098)
(1,850)
(2,094)
(1,409)
(1,260)
(1,673)
(1,528)
(1,634)
44,4
63,5
69,8
50,5
47,8
58,2
55,9
58,1
(1,748)
(2,500)
(2,748)
(1,988)
(1,882)
(2,291)
(2,201)
(2,287)
R
±0,3
(±0,02)
10,0
(0,394)
10,0
(0,394)
11,0
(0,433)
Dimensions in mm (inch) - Abmessungen in mm (inch)
FPHF-4*
2 / 15
4 / 37
FPHF-3*
3 / 25
FPHF-2*


Số phần tương tự - FW25S15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
FW250 SANYO-FW250 Datasheet
30Kb / 4P
   N-Channl Silicon MOSFET Ultrahigh-Speed Switching Applications
logo
Lineage Power Corporati...
FW250A1 LINEAGEPOWER-FW250A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
logo
Sanyo Semicon Device
FW256 SANYO-FW256 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
FW257 SANYO-FW257 Datasheet
55Kb / 4P
   N CHANNEL MOS SILICON TRANSISTOR
More results

Mô tả tương tự - FW25S15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Adam Technologies, Inc.
MRXX-SF-3 ADAM-TECH-MRXX-SF-3 Datasheet
133Kb / 1P
   IDC MINIATURE RIBBON SOCKET
MR64-SE-34 ADAM-TECH-MR64-SE-34 Datasheet
77Kb / 1P
   RIBBON CABLE IDC TYPE
MRXX-SD-36-F ADAM-TECH-MRXX-SD-36-F Datasheet
94Kb / 1P
   IDC MINIATURE RIBBON PLUG
logo
3M Electronics
D3448-89108 3M-D3448-89108 Datasheet
479Kb / 4P
   IDC Ribbon Cable Socket
logo
Adam Technologies, Inc.
MR64-PE-34 ADAM-TECH-MR64-PE-34 Datasheet
88Kb / 1P
   RIBBON CABLE IDC TYPE
MRXX-SE-14 ADAM-TECH-MRXX-SE-14 Datasheet
131Kb / 1P
   IDC MINIATURE RIBBON SOCKET
MRXX-PF-HD-5 ADAM-TECH-MRXX-PF-HD-5 Datasheet
92Kb / 1P
   IDC MINIATURE RIBBON PLUG
MRXX-SE-34 ADAM-TECH-MRXX-SE-34 Datasheet
129Kb / 1P
   IDC MINIATURE RIBBON SOCKET
MR36-PF-2 ADAM-TECH-MR36-PF-2 Datasheet
136Kb / 1P
   MINIATURE RIBBON IDC FLAT CABLE TERMINATION
logo
Samtec, Inc
IDSD-03-D-06.00-T SAMTEC-IDSD-03-D-06.00-T Datasheet
344Kb / 2P
   SLIM BODY FLAT RIBBON IDC CABLES
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com