công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW09S15 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện FW09S15
Giải thích chi tiết về linh kiện  IDC Ribbon Connectors Flachbandkabelsteckverbinder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

FW09S15 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  FW09S15 Datasheet HTML 1Page - List of Unclassifed Manufacturers FW09S15 Datasheet HTML 2Page - List of Unclassifed Manufacturers FW09S15 Datasheet HTML 3Page - List of Unclassifed Manufacturers FW09S15 Datasheet HTML 4Page - List of Unclassifed Manufacturers FW09S15 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Connector Materials and Platings
Materialien und Oberflächen der Steckverbinder
Mechanical Data for Signal Contacts
Mechanische Daten der Signalkontakte
Electrical Data for Connectors
Elektrische Daten der Steckverbinder
4 I connecting is our business
IDC Ribbon Connectors
Flachbandkabelsteckverbinder
Technical Details
Technische Hinweise
Shell
Steel
Gehäuse
Stahl
Insulator
Polyester, glass filled (UL94V-0), black
Isolierkörper
Polyester, glasfaserverstärkt (UL94V-0), schwarz
Relative temperature index according to UL 74 B
10 °C ( °F)
Rel. Temperaturindex nach UL 746 B
Heat deflection temperature limit according to DIN 41 HDT/A
10 °C (410 °F)
Formbeständigkeitstemperatur nach DIN 53461 HDT/A
Sub temperature limit
- °C (-7 °F)
Untere Grenztemperatur
Shell plating (standard)
Tin plated over nickel, pin connector shell with dimples
Gehäuseoberfläche (Standard)
verzinnt über Nickel, Stiftsteckverbindergehäuse mit Kontaktnoppen
Contact material
Copper alloy
Kontaktmaterial
Kupfer-Legierung
Contact plating
0. µm (8 microinches) / 0.8 µm (1 microinches) Au over Ni,other platings on request
Kontaktoberflächen
0,2 µm / 0,8 µm Au über Ni, andere Oberflächen auf Anfrage
Contacts, termination area
 -  µm (79 -  microinches) tin over nickel
Kontakte, Anschlussbereich
2 - 6 µm Sn über Ni
Wire size
AWG 8 / 0,08 mm
Drahtgröße
Mating force per signal contact
≤ ,4 N
Steckkraft pro Signalkontakt
Unmating force per signal contact
≥ 0, N
Ziehkraft pro Signalkontakt
Mating cycles / Steckzyklen
_ With contact plating K49
≥ 0
_ bei Kontaktoberfläche K49
_ With contact plating K1
≥ 00
_ bei Kontaktoberfläche K61
Current rating
1,  A
Maximale Stromstärke
Test voltage between  contacts / shell and contact
100 V / 1 min.
Prüfspannung zwischen 2 Kontakten bzw. Kontakt und Gehäuse
Meets transition resistance requirements per contact pair
in accordance with DIN 41
≤  mΩ
Erfüllt Übergangswiderstand pro Kontaktpaar nach DIN 41652
Insulation resistance between contacts
≥ 000 MΩ
Isolationswiderstand Kontakt / Kontakt
Volume resistivity
101 Ω cm
Spezifischer Durchgangswiderstand
Dielectric strength
0 kV / mm
Spezifische Durchschlagsfestigkeit


Số phần tương tự - FW09S15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EIC discrete Semiconduc...
FW005G EIC-FW005G Datasheet
20Kb / 2P
   FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FW005G EIC-FW005G Datasheet
82Kb / 2P
   FAST RECOVERY GLASS
FW005G EIC-FW005G_05 Datasheet
82Kb / 2P
   FAST RECOVERY GLASS
FW01G EIC-FW01G Datasheet
20Kb / 2P
   FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FW01G EIC-FW01G Datasheet
82Kb / 2P
   FAST RECOVERY GLASS
More results

Mô tả tương tự - FW09S15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Adam Technologies, Inc.
MRXX-SF-3 ADAM-TECH-MRXX-SF-3 Datasheet
133Kb / 1P
   IDC MINIATURE RIBBON SOCKET
MR64-SE-34 ADAM-TECH-MR64-SE-34 Datasheet
77Kb / 1P
   RIBBON CABLE IDC TYPE
MRXX-SD-36-F ADAM-TECH-MRXX-SD-36-F Datasheet
94Kb / 1P
   IDC MINIATURE RIBBON PLUG
logo
3M Electronics
D3448-89108 3M-D3448-89108 Datasheet
479Kb / 4P
   IDC Ribbon Cable Socket
logo
Adam Technologies, Inc.
MR64-PE-34 ADAM-TECH-MR64-PE-34 Datasheet
88Kb / 1P
   RIBBON CABLE IDC TYPE
MRXX-SE-14 ADAM-TECH-MRXX-SE-14 Datasheet
131Kb / 1P
   IDC MINIATURE RIBBON SOCKET
MRXX-PF-HD-5 ADAM-TECH-MRXX-PF-HD-5 Datasheet
92Kb / 1P
   IDC MINIATURE RIBBON PLUG
MRXX-SE-34 ADAM-TECH-MRXX-SE-34 Datasheet
129Kb / 1P
   IDC MINIATURE RIBBON SOCKET
MR36-PF-2 ADAM-TECH-MR36-PF-2 Datasheet
136Kb / 1P
   MINIATURE RIBBON IDC FLAT CABLE TERMINATION
logo
Samtec, Inc
IDSD-03-D-06.00-T SAMTEC-IDSD-03-D-06.00-T Datasheet
344Kb / 2P
   SLIM BODY FLAT RIBBON IDC CABLES
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com