công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK25C48-W45 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện STK25C48-W45
Giải thích chi tiết về linh kiện  2K X 8 AUTOSTORE NVSRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK25C48-W45 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  STK25C48-W45 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK25C48-W45 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK25C48-W45 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK25C48-W45 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK25C48-W45 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK25C48-W45 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK25C48-W45 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK25C48-W45 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
July 1999
3-31
STK25C48
2K x 8 AutoStore™ nvSRAM
QuantumTrap™ CMOS
Nonvolatile Static RAM
FEATURES
• Nonvolatile Storage without Battery Problems
• Directly Replaces 2K x 8 Static RAM, Battery-
Backed RAM or EEPROM
• 20ns, 25ns, 35ns and 45ns Access Times
• STORE to EEPROM Initiated by AutoStore™
on Power Down
• RECALL to SRAM Initiated by Software or
Power Restore
• 10mA Typical I
CC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to EEPROM
• 100-Year Data Retention over Full Industrial
Temperature Range
• Commercial and Industrial Temperatures
• 24-Pin 600 PDIP Package
DESCRIPTION
The STK25C48 is a fast SRAM with a nonvolatile
EEPROM
element incorporated in each static memory
cell. The SRAM can be read and written an unlimited
number of times, while independent nonvolatile data
resides in the EEPROM. Data transfers from the SRAM to
the EEPROM (the STORE operation) can take place auto-
matically on power down using charge stored in system
capacitance. Transfers from the EEPROM to the SRAM
(the RECALL operation) take place automatically on res-
toration of power. The nvSRAM can be used in place of
existing 2K x 8 SRAMs and also matches the pinout of
2K x 8 battery-backed SRAMs, EPROMs and EEPROMs,
allowing direct substitution while enhancing performance.
There is no limit on the number of read or write cycles that
can be executed, and no support circuitry is required for
microprocessor interfacing.
BLOCK DIAGRAM
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
32 x 512
EEPROM ARRAY
32 x 512
STORE/
RECALL
CONTROL
STORE
RECALL
POWER
CONTROL
A5
A6
A9
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
VCC
G
E
W
A8
A7
A10
A3
A2
A0 A1
A4
PIN CONFIGURATIONS
VCC
A9
W
G
A10
E
A8
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DQ7
DQ6
DQ5
DQ4
DQ3
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
A6
24 - 600 PDIP
PIN NAMES
A0 - A10
Address Inputs
W
Write Enable
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
VCC
Power (+ 5V)
VSS
Ground


Số phần tương tự - STK25C48-W45

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Mô tả tương tự - STK25C48-W45

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cypress Semiconductor
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com