công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MV036F015M080 bảng dữ liệu(PDF) 1 Page - Vicor Corporation

tên linh kiện MV036F015M080
Giải thích chi tiết về linh kiện  MV036 SERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F015M080 bảng dữ liệu(HTML) 1 Page - Vicor Corporation

  MV036F015M080 Datasheet HTML 1Page - Vicor Corporation MV036F015M080 Datasheet HTML 2Page - Vicor Corporation MV036F015M080 Datasheet HTML 3Page - Vicor Corporation MV036F015M080 Datasheet HTML 4Page - Vicor Corporation MV036F015M080 Datasheet HTML 5Page - Vicor Corporation MV036F015M080 Datasheet HTML 6Page - Vicor Corporation MV036F015M080 Datasheet HTML 7Page - Vicor Corporation MV036F015M080 Datasheet HTML 8Page - Vicor Corporation MV036F015M080 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
End of Life - Please see below
MIL-COTS
VTM® Chip Transformer
S
NRTL
CUS
MIL-COTS Chip Transformer
Rev 2.9
vicorpower.com
Page 1 of 10
01/2014
800 927.9474
MV036 SERIES
Product Description
The VTM® transformer is a VI Chip® product that provides
extremely fast, efficient, and quiet fixed ratio voltage
division (or current multiplication). With twelve voltage
division ratios from 1:1 to 1:32, the isolated VTM
provides the user with the flexibility to supply up to 100
A or 120 W at any output voltage from 1 to 50 Vdc in a
surface mount package occupying ~1 square inch.
The MIL-COTS VTM®s are optimized for use with the
MIL-COTS PRM® Regulator to implement a Factorized
Power Architecture
TM (FPATM). Together, the PRM + VTM
chip set provides the full functionality of a DC-DC
converter, but with breakthrough performance and
flexibility in a rugged, miniature package. The companion
PRM for the MV036 family of VTMs is the 28 Vdc input
MP028F036M12AL, which operates from an input range
of 16-50 Vdc (the data sheet is also available). The VTM
can be used as a standalone POL product.
By factorizing the DC-DC power conversion into its
essential elements – the VTM’s isolation and
transformation, and the PRM’s output voltage control
and regulation – and arranging those functions in a
sequence that maximizes system performance, FPA offers
a fundamentally new and significantly improved
approach to power conversion.
The VTM’s fast dynamic response and low noise eliminate
the need for bulk capacitance at the load, substantially
increasing the POL density while improving reliability and
decreasing cost. The low profile VTM (0.265 inches,
6,73 mm) is available with J-leads for surface mount or
pins for through hole applications.
• Isolated 1-50 Vout
• High density
• Small footprint
• ZVS / ZCS Sine Amplitude Converter
TM
• 3 MHz effective switching frequency
• Surface-mount package
• Low weight
• -55°C to 125°C operation
• 1 µs transient response
• 4.5 million hours MTBF
• Up to 96.5% efficiency
©
Output Current
Designator
(=IOUT)
MV
036
F
120
M
010
Input Voltage
Designator
Product Grade Temperatures (°C)
Grade
Storage Operating (TJ)
M
-65 to125 -55 to125
Configuration
F = J-lead
T = Through hole
Output Voltage
Designator
(=VOUT x10)
Part Numbering Format
Voltage
Transformation
Module
Product
Replaced by
Part Number
Status
MV036F011M100
EOL
none
MV036F015M080
EOL
MVTM36Bx015M080A00
MV036F022M055
EOL
MVTM36Bx022M055A00
MV036F030M040
EOL
MVTM36Bx030M040A00
MV036F045M027
EOL
MVTM36Bx045M027A00
MV036F060M020
EOL
MVTM36Bx060M020B00
MV036F072M017
EOL
MVTM36Bx072M017A00
MV036F090M013
EOL
MVTM36Bx090M013A00
MV036F120M010
EOL
MVTM36Bx120M010A00
MV036F180M007
EOL
MVTM36Bx180M007A00
MV036F240M005
EOL
MVTM36Bx240M005A00
MV036F360M003
EOL
MVTM36Bx360M003A00
Product Status


Số phần tương tự - MV036F015M080

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vicor Corporation
MV036F015M080 VICOR-MV036F015M080 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F015M080 VICOR-MV036F015M080 Datasheet
711Kb / 10P
   Transformer
MV036F015M080 VICOR-MV036F015M080 Datasheet
1Mb / 10P
   High density
MV036F015M080-CB VICOR-MV036F015M080-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
More results

Mô tả tương tự - MV036F015M080

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com