công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MV036F120M010-CB bảng dữ liệu(PDF) 9 Page - Vicor Corporation

tên linh kiện MV036F120M010-CB
Giải thích chi tiết về linh kiện  PRM짰 and VTM짰 Customer Evaluation Boards
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F120M010-CB bảng dữ liệu(HTML) 9 Page - Vicor Corporation

  MV036F120M010-CB Datasheet HTML 1Page - Vicor Corporation MV036F120M010-CB Datasheet HTML 2Page - Vicor Corporation MV036F120M010-CB Datasheet HTML 3Page - Vicor Corporation MV036F120M010-CB Datasheet HTML 4Page - Vicor Corporation MV036F120M010-CB Datasheet HTML 5Page - Vicor Corporation MV036F120M010-CB Datasheet HTML 6Page - Vicor Corporation MV036F120M010-CB Datasheet HTML 7Page - Vicor Corporation MV036F120M010-CB Datasheet HTML 8Page - Vicor Corporation MV036F120M010-CB Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
vicorpower.com
Applications Engineering: 800 927.9474
Rev 1.1
Page 9
12/2013
For example, if a P048F048T24AL-CB and a V048F120T025-CB are mated as above, the input range
to the pair is 36 – 75 Vdc and the output would be 12 Vdc at no load decreasing by Iout x Rout of
the VTM® as the load current increases. This Vout decrease is due to the switch bank being configured
as shown in the silk screen. In this configuration, the PRM® is set for Local Loop mode as described in
Section 5d.
To provide for load regulation at the output of the VTM, the Adaptive Loop regulation mode should
be engaged. To activate this feature of the PRM-AL, the switch indicated CD (switch #4) should be set
to the ON position. The corresponding trim pot should be set to 19.2
Ω which will result in a total CD
to SG resistance of 39.2
Ω. This is the optimal value for the nominal PRM output voltage as set by the
fixed OS resistor installed on the board and activated by the OSF (switch #6) in the ON position. Be
certain to refer to the data sheets for the appropriate resistor values for your requirements.
To validate the functionality of the Adaptive Loop regulation, repeat the steps of 2.0 to 5.0 under the
section Baseline Test Procedure - PRM-CB except in this instance the output connections are to be
made to the VTM-CB output terminals. Both the PRM and VTM data sheets should be in hand. The
load current refers to the VTM output current ratings. Be certain to make the connections to the
supply and load prior to mating the boards to avoid stressing the connectors.
The PRM Adaptive Loop regulates the output of the VTM without sense lines. The Factorized Bus
voltage (Vf) may be moniored by using J02 on the PRM-CB board (Item 9) while increasing the load
current. Observe the Vf voltage increases with the load current, compensating for the insertion loss
due to the VTM output resistance.
VTM output voltages, which deviate from the nominal configuration, are available by changing the
output set point of the PRM as described in section 6 of this document and using the formula
described in the data sheet.
Ordering Information
The PRM and VTM Customer Evaluation Boards are specified by add the suffix “-CB” to the
appropriate PRM or VTM model number.
Go to http://www.vicorpower.com/contact-us for ordering information.


Số phần tương tự - MV036F120M010-CB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vicor Corporation
MV036F120M010 VICOR-MV036F120M010 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F120M010 VICOR-MV036F120M010 Datasheet
711Kb / 10P
   Transformer
MV036F120M010 VICOR-MV036F120M010 Datasheet
1Mb / 10P
   High density
MV036F120M010 VICOR-MV036F120M010 Datasheet
1Mb / 10P
   MV036 SERIES
MV036F120M010 VICOR-MV036F120M010_10 Datasheet
711Kb / 10P
   Transformer
More results

Mô tả tương tự - MV036F120M010-CB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vicor Corporation
MVTD36BF360M003A00 VICOR-MVTD36BF360M003A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F080T030-CB VICOR-V048F080T030-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F011M100-CB VICOR-MV036F011M100-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
P045F048T32AL-CB VICOR-P045F048T32AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF480T006A00 VICOR-VTD48EF480T006A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F015M080-CB VICOR-MV036F015M080-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F060T040-CB VICOR-V048F060T040-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF020T080A00 VICOR-VTD48EF020T080A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EH015T050A00 VICOR-VTD48EH015T050A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com