công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STC62WV256SI bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện STC62WV256SI
Giải thích chi tiết về linh kiện  VERY LOW POWER/VOLTAGE CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STC62WV256SI bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  STC62WV256SI Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV256SI Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV256SI Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV256SI Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV256SI Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV256SI Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV256SI Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV256SI Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV256SI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Revision 2.3
Jan.
2004
1
A6
STC
Very Low Power/Voltage CMOS SRAM
32K X 8 bit
POWER DISSIPATION
SPEED
(ns)
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=
3.0V
Vcc=
5.0V
Vcc=
3.0V
Vcc=
5.0V
Vcc=
3.0V
PKG
TYPE
STC62WV256SC
SOP-28
STC62WV256TC
TSOP-28
STC62WV256PC
PDIP-28
STC62WV256JC
SOJ-28
STC62WV256DC
0
O C to +70 O C
2.4V ~ 5.5V
70
1uA
0.2uA
35mA
20mA
DICE
STC62WV256SI
SOP-28
STC62WV256TI
TSOP-28
STC62WV256PI
PDIP-28
STC62WV256JI
SOJ-28
STC62WV256DI
-40
O C to +85 O C
2.4V ~ 5.5V
70
2uA
0.4uA
40mA
25mA
DICE
• Wide Vcc operation voltage : 2.4V ~ 5.5V
• Very low power consumption :
Vcc = 3.0V
C-grade : 20mA (Max.) operating current
I- grade : 25mA (Max.) operating current
0.01uA (Typ.) CMOS standby current
Vcc = 5.0V
C-grade : 35mA (Max.) operating current
I- grade : 40mA (Max.) operating current
0.4uA (Typ.) CMOS standby current
• High speed access time :
-70
70ns (Max.) at Vcc=3.0V
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE and OE options
The
STC62WV256 is a high performance , very low power CMOS
Static Random Access Memory organized as 32,768 words by 8 bits
and operates from a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current of
0.01uA and maximum access time of 70ns in 3V operation.
Easy memory expansion is provided by active LOW chip enable (CE),
active LOW output enable (OE) and three-state output drivers.
The
STC62WV256 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The
STC62WV256 is available in the DICE form, JEDEC standard 28pin
330mil Plastic SOP, 300mil Plastic SOJ, 600mil Plastic DIP and 8mm x
13.4mm TSOP (normal type).
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
STC International Limited. reserves the right to modify document contents without notice.
Address
Input
Buffer
Row
Decoder
Memory Array
512 x 512
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
Address Input Buffer
A3 A2 A1 A0 A10
Data
Buffer
Input
Control
Gnd
Vdd
OE
WE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
A12
A11
A9
A8
A7
A5
8
8
8
8
12
64
512
512
18
A14
A13
A4
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
OE
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
A3
STC62WV256
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
R0201-
STC62WV256
STC62WV256TC
STC62WV256TI
62WV256SC
62WV256SI
62WV256PC
62WV256PI
62WV256JC
62WV256JI


Số phần tương tự - STC62WV256SI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STC62WV25616 ETC1-STC62WV25616 Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616AC ETC1-STC62WV25616AC Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616AI ETC1-STC62WV25616AI Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616DC ETC1-STC62WV25616DC Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616DI ETC1-STC62WV25616DI Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
More results

Mô tả tương tự - STC62WV256SI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
STC62WV1024 ETC-STC62WV1024 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1012 BSI-BS616LV1012 Datasheet
260Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
List of Unclassifed Man...
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com