công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STC62WV256PC bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện STC62WV256PC
Giải thích chi tiết về linh kiện  VERY LOW POWER/VOLTAGE CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STC62WV256PC bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  STC62WV256PC Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Revision 2.3
Jan.
2004
3
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
Vcc=3.0V
VIL
Guaranteed Input Low
Voltage
(2)
Vcc=5.0V
-0.5
--
0.8
V
Vcc=3.0V
2.0
VIH
Guaranteed Input High
Voltage
(2)
Vcc=5.0V
2.2
--
Vcc+0.2
V
IIL
Input Leakage Current
Vcc = Max, VIN = 0V to Vcc
--
--
1
uA
ILO
Output Leakage Current
Vcc = Max, CE = VIH, or OE = VIH,
VI/O = 0V to Vcc
--
--
1
uA
Vcc=3.0V
VOL
Output Low Voltage
Vcc = Max, IOL = 2mA
Vcc=5.0V
--
--
0.4
V
Vcc=3.0V
VOH
Output High Voltage
Vcc = Min, IOH = -1mA
Vcc=5.0V
2.4
--
--
V
Vcc=3.0V
--
--
20
ICC
Operating Power Supply
Current
CE = VIL, IDQ = 0mA, F = Fmax
(3)
Vcc=5.0V
--
--
35
mA
Vcc=3.0V
--
--
1
ICCSB
Standby Current-TTL
CE = VIH, IDQ = 0mA
Vcc=5.0V
--
--
2
mA
Vcc=3.0V
--
0.01
0.2
ICCSB1
Standby Current-CMOS
CE ≧ Vcc-0.2V,
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
Vcc=5.0V
--
0.4
1.0
uA
DC ELECTRICAL CHARACTERISTICS ( TA =0oC to + 70oC)
STC
STC62WV256
R0201-
STC62WV256
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
Vcc for Data Retention
CE ≧ Vcc - 0.2V
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
1.5
--
--
V
ICCDR
Data Retention Current
CE ≧ Vcc -0.2V
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
--
0.01
0.20
uA
tCDR
Chip Deselect to Data
Retention Time
0--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC (2)
--
--
ns
DATA RETENTION CHARACTERISTICS ( TA = 0oC to + 70oC )
1. Vcc = 1.5V, TA = + 25OC
2. t
RC = Read Cycle Time
LOW VCC DATA RETENTION WAVEFORM ( CE Controlled )
CE
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
CE
Vcc - 0.2V
1. Typical characteristics are at TA = 25oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/t
RC .


Số phần tương tự - STC62WV256PC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STC62WV25616 ETC1-STC62WV25616 Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616AC ETC1-STC62WV25616AC Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616AI ETC1-STC62WV25616AI Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616DC ETC1-STC62WV25616DC Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616DI ETC1-STC62WV25616DI Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
More results

Mô tả tương tự - STC62WV256PC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
STC62WV1024 ETC-STC62WV1024 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1012 BSI-BS616LV1012 Datasheet
260Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
List of Unclassifed Man...
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com