công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM65MLVD203D bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện SM65MLVD203D
Giải thích chi tiết về linh kiện  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SM65MLVD203D bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SM65MLVD203D Datasheet HTML 1Page - Texas Instruments SM65MLVD203D Datasheet HTML 2Page - Texas Instruments SM65MLVD203D Datasheet HTML 3Page - Texas Instruments SM65MLVD203D Datasheet HTML 4Page - Texas Instruments SM65MLVD203D Datasheet HTML 5Page - Texas Instruments SM65MLVD203D Datasheet HTML 6Page - Texas Instruments SM65MLVD203D Datasheet HTML 7Page - Texas Instruments SM65MLVD203D Datasheet HTML 8Page - Texas Instruments SM65MLVD203D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558A – DECEMBER 2002 – JUNE 2003
www.ti.com
4
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
V
Positive-going differential input voltage
Type 1
50
mV
VIT+
Positive-going differential in ut voltage
threshold
Type 2
150
mV
V
Negative-goingdifferential input voltage
Type 1
See Figure 9 and Table 1 and
–50
mV
VIT–
Negative-goingdifferential in ut voltage
threshold
Type 2
See Figure 9 and Table 1 and
Table 2
50
mV
V
Differential input voltage hysteresis,
Type 1
25
mV
VHYS
Differential in ut voltage hysteresis,
(VIT+ – VIT)
Type 2
0
mV
VOH
High-level output voltage
IOH = –8 mA
2.4
V
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
IIH
High-level input current (RE)
VIH = 2 V
–10
0
µA
IIL
Low-level input current (RE)
VIL = 0.8 V
–10
0
µA
IOZ
High-impedance output current
VO = 0 V or 3.6 V
–10
15
µA
CA or CB
Input capacitance
VI = 0.4 sin(30E6πt) + 0.5 V,(2)
Other input at 1.2 V
3
pF
CAB
Differential input capacitance
VAB = 0.4 sin(30E6πt) V(2)
2.5
pF
CA/B
Input capacitance balance, (CA/CB)
0.99
1.01
(1) All typical values are at 25
°C and with a 3.3-V supply voltage.
(2) HP4194A impedance analyzer (or equivalent)
BUS INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VA = 3.8 V,
VB = 1.2 V,
0
32
IA
Receiver or transceiver with driver
disabled input current
VA = 0 V or 2.4 V,
VB = 1.2 V
–20
20
µA
A
disabled input current
VA = –1.4 V,
VB = 1.2 V
–32
0
µ
VB = 3.8 V,
VA = 1.2 V
0
32
IB
Receiver or transceiver with driver
disabled input current
VB = 0 V or 2.4 V,
VA = 1.2 V
–20
20
µA
B
disabled input current
VB = –1.4 V,
VA = 1.2 V
–32
0
µ
IAB
Receiver or transceiver with driver
disabled differential input current
(IA – IB)
VA = VB,
–1.4
≤ VA ≤ 3.8 V
–4
4
µA
VA = 3.8 V,
VB = 1.2 V, 0 V ≤ VCC ≤ 1.5 V
0
32
IA(OFF)
Receiver or transceiver power-off input
current
VA = 0 V or 2.4 V,
VB = 1.2 V, 0 V ≤ VCC ≤ 1.5 V
–20
20
µA
A(OFF)
current
VA = –1.4 V,
VB= 1.2 V,
0 V
≤ VCC ≤ 1.5 V
–32
0
µ
VB = 3.8 V,
VA = 1.2 V, 0 V ≤ VCC ≤ 1.5 V
0
32
IB(OFF)
Receiver or transceiver power-off input
current
VB = 0 V or 2.4 V,
VA = 1.2 V, 0 V ≤ VCC ≤ 1.5 V
–20
20
µA
B(OFF)
current
VB = –1.4 V,
VA = 1.2 V, 0 V ≤ VCC ≤ 1.5 V
–32
0
µ
IAB(OFF)
Receiver input or transceiver power-off
differential input current (IA – IB)
VA = VB, 0 V ≤ VCC ≤ 1.5 V, –1.4 ≤ VA ≤ 3.8 V
–4
4
µA
CA
Transceiver with driver disabled input
capacitance
VA = 0.4 sin (30E6πt) + 0.5V(2), VB =1.2 V
5
pF
CB
Transceiver with driver disabled input
capacitance
VB = 0.4 sin (30E6πt) + 0.5V(2), VA =1.2 V
5
pF
(1) All typical values are at 25
°C and with a 3.3-V supply voltage.
(2) HP4194A impedance analyzer (or equivalent)


Số phần tương tự - SM65MLVD203D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM65MLVD203D TI-SM65MLVD203D Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Mô tả tương tự - SM65MLVD203D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com