công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC33394 bảng dữ liệu(PDF) 6 Page - Motorola, Inc |
|
MC33394 bảng dữ liệu(HTML) 6 Page - Motorola, Inc |
6 / 44 page 33394 6 MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA 1. MAXIMUM RATINGS (Maximum Ratings indicate sustained limits beyond which damage to the device may occur. Voltage parameters are absolute voltages referenced to ground.) Parameter Min. Max. Unit Supply Voltage (VBAT), Load Dump –0.3 +45 V Supply Voltage (KA_VBAT, VIGN), Load Dump –18 +45 V Supply Voltages (VDDH, VPP, VDD3_3, VDDL, VKAM) –0.3 +5.8 V Supply Voltages (VREF1, VREF2, VREF3, VSEN) –2.0 +18 V CANL, CANH (0<VBAT<18 VDC no time limit) –18 +26.5 V ESD Voltage Human Body Model all pins (Note 1) Machine Model all pins (Note 2) –2.0 –200 +2.0 +200 kV V CANLesd, CANHesd (Note 1) –4.0 +4.0 kV CANLesd, CANHesd (Note 2) –200 +200 V CANLtransient, CANHtransient (Note 3) –200 +200 V /SLEEP –18 +45 V REGON, VPP_EN, /HRESET, /PORESET, /PRERESET, HRT, DO, DI, CS, SCLK –0.3 +7.0 V CANTXD, CANRXD –0.3 +7.0 V Operational Package Temperature [Ambient Temperature] –40 +125 °C Storage Temperature –65 +150 °C Power Dissipation (TA = 125_C) 44 HSOP (Note 4) 44 QFN (Note 4) 54 SOICW–EP (Note 4) 8.3 5.0 5.0 W W W Lead Soldering Temperature (Note 5) 260 _C Maximum Junction Temperature +150 °C R θJA, Thermal Resistance, Junction to Ambient (44 HSOP) (Note 6) 41 °C/W R θJC, Thermal Resistance, Junction to Case (44 HSOP) (Note 7) 0.2 °C/W R θJB, Thermal Resistance, Junction to Base (44 HSOP) (Note 8) 3 °C/W R θJA, Thermal Resistance, Junction to Ambient (44 QFN) (Note 6) 77 °C/W R θJC, Thermal Resistance, Junction to Case (44 QFN) (Note 7) 1.7 °C/W R θJB, Thermal Resistance, Junction to Base (44 QFN) (Note 8) 5.0 °C/W R θJA, Thermal Resistance, Junction to Ambient (54 SOICW–EP) (Note 6) 52 °C/W R θJC, Thermal Resistance, Junction to Case (54 SOICW–EP) (Note 7) 1.2 °C/W R θJB, Thermal Resistance, Junction to Base (54 SOICW–EP) (Note 8) 8.1 °C/W 1. Human body model: C = 100 pF, R = 1.5 k Ω. 2. Machine model: C = 200 pF, R = 10 Ω and L = 0.75 µH. In case of a discharge from pin CANL to pin GND: – 100 V < CANL transient < +100 V; in case of a discharge from pin CANH to Vcc: –150 V < CANH transient < +150 V. 3. The waveforms of the applied transients is in accordance with ”ISO 7637 part 1” test pulses 1, 2, 3a and 3b. 4. Maximum power dissipation at indicated junction temperature. 5. Lead soldering temperature limit is for 10 seconds maximum duration; contact Motorola Sales Office for device immersion soldering time/temperature limits. 6. Thermal resistance measured in accordance with EIA/JESD51–2. 7. Theoretical thermal resistance from the die junction to the exposed pad. 8. Thermal resistance measured in accordance with JESD51–8. 2. RECOMMENDED OPERATING CONDITIONS (All voltages are with respect to ground unless otherwise noted) Parameter Value Unit Supply Voltages (VBAT, KA_VBAT) 4.0 to 26.5 V Switching Regulator Output Current (IVPRE) (Note 1) 0 to 1.2 A VDDH Output Current 0 to 400 mA VDD3_3 Output Current 0 to 120 mA VDDL_B Pass Transistor Base Drive Current 0 to 40 mA VPP Output Current 0 to 150 mA VREF Output Current 0 to 100 mA VSEN Output Current 0 to 125 mA VKAM Standby Output Current (normal mode of operation) 0 to 60 mA VKAM Standby Output Current (standby mode of operation) 0 to 12 mA 1. See Typical Application Diagram in Figure 1. |
Số phần tương tự - MC33394 |
|
Mô tả tương tự - MC33394 |