công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HA17384 bảng dữ liệu(PDF) 3 Page - Hitachi Semiconductor

tên linh kiện HA17384
Giải thích chi tiết về linh kiện  High Speed Current Mode PWM Control IC for Switching Power Supply
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITACHI [Hitachi Semiconductor]
Trang chủ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17384 bảng dữ liệu(HTML) 3 Page - Hitachi Semiconductor

  HA17384 Datasheet HTML 1Page - Hitachi Semiconductor HA17384 Datasheet HTML 2Page - Hitachi Semiconductor HA17384 Datasheet HTML 3Page - Hitachi Semiconductor HA17384 Datasheet HTML 4Page - Hitachi Semiconductor HA17384 Datasheet HTML 5Page - Hitachi Semiconductor HA17384 Datasheet HTML 6Page - Hitachi Semiconductor HA17384 Datasheet HTML 7Page - Hitachi Semiconductor HA17384 Datasheet HTML 8Page - Hitachi Semiconductor HA17384 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
HA17384SPS/SRP, HA17384HPS/HRP, HA17385HPS/HRP
3
Product Line-up
Package
Additional Function
UVL Power Supply
Threshold Voltage
DILP8 (DP-8)
SOP8 (FP-8DC)
TSD
(Thermal shut-
down protection)
OVP
(Over voltage
protection)
V
TH UVL (V) Typ
V
TL UVL (V) Typ
HA17384SPS
HA17384SRP
16.0
10.0
HA17384HPS
HA17384HRP
rr
HA17385HPS
HA17385HRP
rr
8.4
7.6
Pin Arrangement
1
2
3
4
8
7
6
5
COMP
FB
CS
RT/CT
Vref
VIN
OUT
GND
(Top view)
Pin Function
Pin No.
Symbol
Function
Note
1
COMP
Error amplifier output pin
2
FB
Inverting input of error amp./OVP input pin
1
3
CS
Current sensing signal input pin
4R
T/CT
Timing resistance, timing capacitance connect pin
5
GND
Groung pin
6
OUT
PWM Pulse output pin
7V
IN
Power supply voltage input pin
8
Vref
Reference voltage 5V output pin
Note:
1. Overvoltage protection (OVP) input is usable only for the HA17384H and HA17385H.


Số phần tương tự - HA17384

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hitachi Semiconductor
HA17384 HITACHI-HA17384 Datasheet
145Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
HA17384FP HITACHI-HA17384FP Datasheet
159Kb / 6P
   CURRENT MODE PWM CONTROL SWITTCHING REGULATOR ICS
HA17384HPS HITACHI-HA17384HPS Datasheet
145Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Renesas Technology Corp
HA17384HPS RENESAS-HA17384HPS Datasheet
477Kb / 29P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Hitachi Semiconductor
HA17384HRP HITACHI-HA17384HRP Datasheet
145Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
More results

Mô tả tương tự - HA17384

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
HA17384SPS RENESAS-HA17384SPS Datasheet
477Kb / 29P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Hitachi Semiconductor
HA17384SPS HITACHI-HA17384SPS Datasheet
145Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
Renesas Technology Corp
HA16150T RENESAS-HA16150T Datasheet
297Kb / 25P
   High-Speed Current Mode Push-Pull PWM Control IC
logo
List of Unclassifed Man...
SW2604 ETC2-SW2604 Datasheet
343Kb / 6P
   High performance current mode PWM switching power supply controller
logo
Shaanxi Reactor Micro...
RM6203 REACTOR-RM6203 Datasheet
313Kb / 7P
   High Performance Current Mode PWM Switching Power Supply controller
logo
Leshan Radio Company
LR5920 LRC-LR5920 Datasheet
638Kb / 12P
   High Performance Current Mode PWM Switching Power Supply Controller
logo
Fuji Electric
FA3647 FUJI-FA3647 Datasheet
406Kb / 21P
   PWM control IC with light load power saving function For Switching Power Supply Control
logo
STMicroelectronics
TEA2018A STMICROELECTRONICS-TEA2018A Datasheet
77Kb / 7P
   CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
May 1993
TEA2019 STMICROELECTRONICS-TEA2019 Datasheet
80Kb / 7P
   CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
August 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com