công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3253 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM3253
Giải thích chi tiết về linh kiện  High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3253 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LM3253 Datasheet HTML 4Page - Texas Instruments LM3253 Datasheet HTML 5Page - Texas Instruments LM3253 Datasheet HTML 6Page - Texas Instruments LM3253 Datasheet HTML 7Page - Texas Instruments LM3253 Datasheet HTML 8Page - Texas Instruments LM3253 Datasheet HTML 9Page - Texas Instruments LM3253 Datasheet HTML 10Page - Texas Instruments LM3253 Datasheet HTML 11Page - Texas Instruments LM3253 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LM3253
SNVS791Q – FEBRUARY 2012 – REVISED MAY 2013
www.ti.com
SYSTEM CHARACTERISTICS (continued)
The following spec table entries are specified by design and verifications providing the component values in the Typical
Application Circuit are used (L = 1.5 µH, DCR = 90 m
Ω, TOKO DFE252010C (1269AS-H-1R5N), CIN = 10 µF, 6.3V, 0402,
Samsung CL05A106MQ5NUN, COUT = 10 µF + 4.7 µF + 3 x 1.0 µF + 3300 pF: 6.3V, 0402, Samsung CL05A106MQ5NUN,
CL05A475MQNRN; 6.3V, 0201 Samsung CL03A105MQ3CSN; 6.3V, 01005 Murata GRM022R60J332K).
These parameters are not verified by production testing. Min and Max values are specified over the ambient temperature
range TA = −30°C to 90°C. Typical values are specified at PVIN = VDD = EN = 3.8V, BP = 0V and TA = 25°C unless
otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN = 3.8V, VOUT = 1.8V,
IOUT = 10 mA
79
82
MODE = HIGH (PFM)
VIN = 3.8V, VOUT = 0.5V,
IOUT = 5 mA
58
60
MODE = HIGH (PFM)
VIN = 3.8V, VOUT = 3.5V,
IOUT = 1900 mA
89
92
MODE = LOW (PWM)
η
Efficiency
%
VIN = 3.8V, VOUT = 2.5V,
IOUT = 250 mA
90
93
MODE = LOW (PWM)
VIN = 3.8V, VOUT = 1.6V,
IOUT = 130 mA
83
86
MODE = LOW (PWM)
VIN = 3.8V, VOUT = 1V,
IOUT = 400 mA
81
84
MODE = LOW (PWM)
VIN = 3.4V to 3.6V, VOUT = 0.4V to
Ripple voltage at no pulse
3.6V, ROUT = 1.9Ω
(3)
1
3
skipping condition
MODE = LOW
Ripple voltage at pulse
VIN = 5.5V to dropout, VOUT = 3.6V,
8
skipping condition
ROUT = 1.9Ω
(3)
VRIPPLE
mVpp
VIN = 3.2V, VOUT < 1.125V,
50
IOUT =10 mA, MODE = HIGH
PFM Ripple Voltage
VIN = 3.2V, VOUT ≤ 0.5V,
50
IOUT = 5 mA, MODE = LOW
VIN = 3.6V to 4.2V, TR = TF = 10 µs,
Line_tr
Line transient response
VOUT = 1V, IOUT = 600 mA
50
mVpk
MODE = LOW
VOUT = 3.0V, TR = TF = 10 µs,
Load_tr
Load transient response
IOUT = 0A to 1.2A
40
mVpk
MODE = LOW
Max Duty cycle
Maximum duty cycle
MODE = LOW
100
%
VIN = 3.2V, VOUT = 1V, IOUT = 10 mA
100
160
MODE = HIGH
PFM_Freq
Minimum PFM Frequency
kHz
VIN = 3.2V, VOUT = 0.5V, IOUT = 5 mA
34
55
MODE = HIGH
(3)
Ripple voltage should be measured at COUT electrode on a well-designed PC board and using the suggested inductor and capacitors.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM3253


Số phần tương tự - LM3253

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3253 TI1-LM3253 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3253TME/NOPB TI1-LM3253TME/NOPB Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3253TMX/NOPB TI1-LM3253TMX/NOPB Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
More results

Mô tả tương tự - LM3253

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
[Old version datasheet]   LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com