công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS114S0XB bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện ADS114S0XB
Giải thích chi tiết về linh kiện  Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS114S0XB bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS114S0XB Datasheet HTML 1Page - Texas Instruments ADS114S0XB Datasheet HTML 2Page - Texas Instruments ADS114S0XB Datasheet HTML 3Page - Texas Instruments ADS114S0XB Datasheet HTML 4Page - Texas Instruments ADS114S0XB Datasheet HTML 5Page - Texas Instruments ADS114S0XB Datasheet HTML 6Page - Texas Instruments ADS114S0XB Datasheet HTML 7Page - Texas Instruments ADS114S0XB Datasheet HTML 8Page - Texas Instruments ADS114S0XB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
5
ADS114S06B, ADS114S08B
www.ti.com
SBAS852 – AUGUST 2017
Product Folder Links: ADS114S06B ADS114S08B
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Power-supply voltage
AVDD to AVSS
–0.3
5.5
V
AVSS to DGND
–2.8
0.3
DVDD to DGND
–0.3
3.9
IOVDD to DGND
–0.3
5.5
Analog input voltage
AINx, GPIOx, REFPx, REFNx, REFCOM
AVSS – 0.3
AVDD + 0.3
V
Digital input voltage
CS, SCLK, DIN, DOUT/DRDY, DRDY,
START, RESET, CLK
DGND – 0.3
IOVDD + 0.3
V
Input current
Continuous, REFN0, REFOUT
–100
100
mA
Continuous, all other pins except power-supply pins
–10
10
Temperature
Junction, TJ
150
°C
Storage, Tstg
–60
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000


Số phần tương tự - ADS114S0XB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS114S0x TI1-ADS114S0x Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
More results

Mô tả tương tự - ADS114S0XB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Microchip Technology
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
   Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com