công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FM207 bảng dữ liệu(PDF) 2 Page - Formosa MS

tên linh kiện FM207
Giải thích chi tiết về linh kiện  Chip General Purpose Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FORMOSA [Formosa MS]
Trang chủ  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM207 bảng dữ liệu(HTML) 2 Page - Formosa MS

  FM207 Datasheet HTML 1Page - Formosa MS FM207 Datasheet HTML 2Page - Formosa MS FM207 Datasheet HTML 3Page - Formosa MS FM207 Datasheet HTML 4Page - Formosa MS FM207 Datasheet HTML 5Page - Formosa MS FM207 Datasheet HTML 6Page - Formosa MS FM207 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic,
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight :
0.05 gram
DO-214AC / SMA
Approximated
Package outline
Page 2
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =2.0A
F
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
High current capability
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Features
.
High surge capability.
Glass passivated chip junction.
Suffix "-H" indicates Halogen-free parts, ex. FM201-H.
FM201
FM202
FM203
35
70
140
50
100
200
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
V
F
(V)
*4
FM204
FM205
280
420
400
600
1.10
-55 to +150
FM206
FM207
800
1000
560
700
50
100
200
400
600
800
1000
Formosa MS
FM201 THRU FM207
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
μA
OC
pF
2.0
50
5.0
+175
-65
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
O
30
125
2.0A Surface Mount General Purpose
Rectifiers - 50V-1000V
(C)
O
Operating
temperature
T,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
0.196(4.9)
0.180(4.5)
0.012(0.3) Typ.
0.106(2.7)
0.091(2.3)
0.068(1.7)
0.060(1.5)
0.032 (0.8) Typ.
0.032(0.8) Typ.
Dimensions in inches and (millimeters)
SMA
Maximum ratings and Electrical characteristics (AT T =25
A
oC unless otherwise noted)
Chip General Purpose Rectifiers
DS-121107
2008/02/10
2015/10/12
E
7
Thermal resistance
R
θJA
OC/W
48
Junction to ambient
Junction to case
26
R
θJC


Số phần tương tự - FM207

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
FM207 RECTRON-FM207 Datasheet
22Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM207 FORMOSA-FM207 Datasheet
67Kb / 2P
   Glass passivated type
FM207-BS FORMOSA-FM207-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM207-L FORMOSA-FM207-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM207-L FORMOSA-FM207-L Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
More results

Mô tả tương tự - FM207

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Formosa MS
FM301-BS FORMOSA-FM301-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-MH1 FORMOSA-FM4001-MH1 Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-S FORMOSA-FM4001-S Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-L FORMOSA-FM4001-L_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
HFM201 FORMOSA-HFM201_17 Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001 FORMOSA-FM4001_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com