công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4001 bảng dữ liệu(PDF) 2 Page - Formosa MS

tên linh kiện 1N4001
Giải thích chi tiết về linh kiện  Axial Leaded General Purpose Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FORMOSA [Formosa MS]
Trang chủ  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N4001 bảng dữ liệu(HTML) 2 Page - Formosa MS

  1N4001_17 Datasheet HTML 1Page - Formosa MS 1N4001_17 Datasheet HTML 2Page - Formosa MS 1N4001_17 Datasheet HTML 3Page - Formosa MS 1N4001_17 Datasheet HTML 4Page - Formosa MS 1N4001_17 Datasheet HTML 5Page - Formosa MS 1N4001_17 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, DO-41
Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
Polarity: Color band denotes cathode end
Mounting Position : Any
Weight : Approximated 0.33 gram
Package outline
Page 2
DO-41
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.034(.9)
.028(.7)
.107(2.7)
.080(2.0)
DIA.
DIA.
Axial Leaded General Purpose Rectifiers
Formosa MS
1N4001 THRU 1N4007
Features
Axial lead type devices for through hole design.
High current capability.
High surge capability.
Silicon rubber coating chip junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen-free parts, ex. 1N4001-H.
Document ID
Issued Date
Revised Date
Revision
Page.
1.0A Axial
General Purpose
Rectifiers - 50V-1000V
Leaded
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =1.0A
F
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Diode junction capacitance
See Fig.2
8.3ms single half sine-wave (JEDEC methode)
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
A
A
μA
OC/W
pF
1.0
30
5.0
50
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
Junction to ambient
15
50
R
θJA
1N4001
1N4002
1N4003
35
70
140
50
100
200
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
V
F
(V)
*4
1N4004
1N4005
280
420
400
600
1.00
-55 to +125
1N4006
1N4007
800
1000
560
700
50
100
200
400
600
800
1000
Storage temperature
f=1MHz and applied 4V DC reverse voltage
T
STG
OC
+175
-65
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DS-222111
2008/02/10
2010/03/10
C
6
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)


Số phần tương tự - 1N4001_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Luguang Electr...
1N4001 LUGUANG-1N4001_17 Datasheet
1Mb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Yangzhou yangjie electr...
1N4001 YANGJIE-1N4001_17 Datasheet
207Kb / 4P
   General Purpose Rectifier
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001_17 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Mô tả tương tự - 1N4001_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Formosa MS
6A05 FORMOSA-6A05_17 Datasheet
94Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400G FORMOSA-1N5400G_17 Datasheet
95Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5391G FORMOSA-1N5391G Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400 FORMOSA-1N5400 Datasheet
142Kb / 6P
   Axial Leaded General Purpose Rectifiers
10A05 FORMOSA-10A05 Datasheet
177Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N4001G FORMOSA-1N4001G_17 Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
logo
New Jersey Semi-Conduct...
1N4245 NJSEMI-1N4245 Datasheet
143Kb / 1P
   2.5 AMPERE RATED, AXIAL-LEADED, GENERAL PURPOSE RECTIFIERS.
logo
Formosa MS
RL201 FORMOSA-RL201 Datasheet
132Kb / 6P
   2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
1N4001 FORMOSA-1N4001 Datasheet
136Kb / 6P
   1.0A Axial LEaded General Purpose Rectifiers - 50V0 1000V
logo
American Microsemicondu...
1N6513 AMMSEMI-1N6513 Datasheet
610Kb / 1P
   Axial Leaded Rectifiers
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com