công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EZJZZV270DAK bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện EZJZZV270DAK
Giải thích chi tiết về linh kiện  Multilayer Varistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZZV270DAK bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  EZJZZV270DAK Datasheet HTML 1Page - Panasonic Semiconductor EZJZZV270DAK Datasheet HTML 2Page - Panasonic Semiconductor EZJZZV270DAK Datasheet HTML 3Page - Panasonic Semiconductor EZJZZV270DAK Datasheet HTML 4Page - Panasonic Semiconductor EZJZZV270DAK Datasheet HTML 5Page - Panasonic Semiconductor EZJZZV270DAK Datasheet HTML 6Page - Panasonic Semiconductor EZJZZV270DAK Datasheet HTML 7Page - Panasonic Semiconductor EZJZZV270DAK Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
5
4
3
2
1
E
1
Z
2
J
3
Z0
4
56789
10
11
12
Z
0
1
V
2
7
0
E
Product Code
Size Code
0201
0402
0603
V
Packaging Style Code
The first and second digits
denote the first 2 numbers
of the varistor voltage and
the third digit indicates the
number of zeros following.
The decimal point denotes
in R.
Nominal Varitor Voltage
0402, 0603 Paper Taping
Z
P
Series Code
EZJZ series
EZJP series
Design Code
Design Code
(Example)
Below 3 pF, the 10 or 11th
position of the P/N indicates the
capacitance value as follows :
2.0 pF·····20, 1.5 p·····F15
Nil Cap. Tolerance : max.
Cap. Tolerance : ±0.25 pF
Cap. Tolerance : ±0.50 pF
C
D
Cap. Tolerance : ±0.1 pF
B
K
Cap. Tolerance : ±10 %
M Cap. Tolerance : ±20 %
A
Capacitance Code
3 pF
20 pF
27 pF
47 pF
56 pF
68 pF
A
R
D
E
W
F
100 pF
150 pF
220 pF
330 pF
680 pF
G
H
J
K
M
L
T
W
L1
L2
No.
Name
1
Semiconductive Ceramics
2
Internal electrode
3
Terminal electrode
Substrate electrode
4
Intermediate electrode
5
External electrode
Size Code Size(inch)
L
W
T
L1, L2
Z
0201
0.60±0.03
0.30±0.03
0.30±0.03
0.15±0.05
0
0402
1.00±0.05
0.50±0.05
0.50±0.05
0.2±0.1
1
0603
1.6±0.1
0.8±0.1
0.8±0.1
0.3±0.2
Multilayer Varistor for ESD pulse
[DC voltage lines/High speed signal lines]
Series: EZJZ, EZJP
Explanation of Part Numbers
Construction
Features
Excellent ESD suppression due to original advanced material technology
Having large electrostatic resistance meeting IEC61000-4-2, Level 4 standard
Having no polarity (bipolar) facilitated replacing Zener Diodes. Capable of replacing 2 Zener Diodes and 1 Capacitor.
Lead-free plating terminal electrodes enabling great solderability
Wide range of products is available by adopting multilayer structure, meeting various needs.
Low capacitance versions for DC voltage lines of high speed busses
Ultra low capacitance for high speed signal line
Applicable to high-speed signal lines, such as interfaces (e.g. USB 2.0, IEEE1394, HDMI, and so on), due to
our original ultra-low capacitance technology.
RoHS compliant
■ As for Packaging Methods, Handling Precautions
Please see Data Files
Dimensions in mm (not to scale)
Nov. 2016
04


Số phần tương tự - EZJZZV270DAK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
EZJZZV270DAK PANASONIC-EZJZZV270DAK Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
More results

Mô tả tương tự - EZJZZV270DAK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
UN Semiconducctor INC
ESD0402-0603 UNSEMI-ESD0402-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com