công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM117H bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện LM117H
Giải thích chi tiết về linh kiện  POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM117H bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI)

  LM117H Datasheet HTML 1Page - National Semiconductor (TI) LM117H Datasheet HTML 2Page - National Semiconductor (TI) LM117H Datasheet HTML 3Page - National Semiconductor (TI) LM117H Datasheet HTML 4Page - National Semiconductor (TI) LM117H Datasheet HTML 5Page - National Semiconductor (TI) LM117H Datasheet HTML 6Page - National Semiconductor (TI) LM117H Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MDLM117-H REV 0A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Il = 8mA
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vref
Reference Voltage
Vdiff = 3V
1.2
1.3
V
1
Vdiff = 40V
1.2
1.3
V
1, 2,
3
Vdiff = 3.3V
1.2
1.3
V
2, 3
Rline
Line Regulation
3V < Vdiff < 40V, Vout = Vref
-9
9
mV
1
3.3V < Vdiff < 40V, Vout = Vref
-23
23
mV
2, 3
Rload
Load Regulation
Vdiff = 3V, 10mA < Il < 500mA
-15
15
mV
1
Vdiff = 40V, 10mA < Il < 150mA
-15
15
mV
1
Vdiff = 3.3V, 10mA < Il < 500mA
-15
15
mV
2, 3
Vdiff = 40V, 10mA < Il < 100mA
-15
15
mV
2, 3
Vrth
Thermal
Regulation
Vin = 14.6V, Il = 300mA, Pd = 4W,
t = 20mS
-3.1
3.1
mV
1
Iadj
Adjustment Pin
Current
Vdiff = 3V
100
uA
1
Vdiff = 40V
100
uA
1, 2,
3
Vdiff = 3.3V
100
uA
2, 3
Delta Iadj
Adjustment Pin
Current Change
Vdiff = 3V, 10mA < Il < 500mA
-5
5
uA
1
Vdiff = 40V, 10mA < Il < 150mA
-5
5
uA
1
3V < Vdiff < 40V
-5
5
uA
1
3.3V < Vdiff < 40V
-5
5
uA
2, 3
Vdiff = 3.3V, 10mA < Il < 500mA
-5
5
uA
2, 3
Vdiff = 40V, 10mA < Il < 100mA
-5
5
uA
2, 3
Ilmin
Minimum Load
Current
Vdiff = 3V, Vout = 1.4V, (forced)
5
mA
1
Vdiff = 40V, Vout = 1.4V, (forced)
5
mA
1, 2,
3
Vdiff = 3.3V, Vout = 1.4V, (forced)
5
mA
2, 3
Icl
Current Limit
Vdiff = 15V
.5
1.65
A
1, 2,
3
Vdiff = 40V
.15
.65
A
1
AC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
Il = 8mA
Rr
Ripple Rejection
f = 120Hz, Cadj = 10uF, Vout = Vref
1
66
dB
4, 5,
6
4


Số phần tương tự - LM117H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM117H NSC-LM117H Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
Seme LAB
LM117H SEME-LAB-LM117H Datasheet
24Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM117H NSC-LM117H Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
logo
Seme LAB
LM117H SEME-LAB-LM117H Datasheet
206Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM117H TI1-LM117H Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
More results

Mô tả tương tự - LM117H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
LM317L ONSEMI-LM317L Datasheet
184Kb / 12P
   LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com