công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STDA131-S11 bảng dữ liệu(PDF) 1 Page - Vitec Power

tên linh kiện STDA131-S11
Giải thích chi tiết về linh kiện  130W Desktop Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  Vitec [Vitec Power]
Trang chủ  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA131-S11 bảng dữ liệu(HTML) 1 Page - Vitec Power

  STDA131-S11 Datasheet HTML 1Page - Vitec Power STDA131-S11 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STDA131 SERIES
130W Desktop Power Supply for I.T. Equipment
Wide Input Voltage 90 to 260 VAC, 47 to 63Hz
IEC-320-C14 input inlet
Output Voltage Available from 12VDC through 55VDC
Input Surge Current, Over Voltage, Over Load and Output Voltage Protection.
Class I Insulation
Active Power Factor Correction
CEC Level V, Energy Star 2.0 and RoHS compliance
ON/OFF Switch (optional)
2 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Total Regulation
Max Output Power
STDA131-S05
12 ~ 13 VDC
10.84 ~ 10.00 A
5%
130W
STDA131-S06
13 ~ 16 VDC
10.00 ~ 8.12 A
5%
130W
STDA131-S07
16 ~ 21 VDC
8.12 ~ 6.19 A
5%
130W
STDA131-S08
21 ~ 27 VDC
6.19 ~ 4.81 A
3%
130W
STDA131-S09
27 ~ 33 VDC
4.81 ~ 3.93 A
3%
130W
STDA131-S10
33 ~ 40 VDC
3.93 ~ 3.25 A
3%
130W
STDA131-S11
40 ~ 50 VDC
3.25 ~ 2.60 A
3%
130W
STDA131-S12
50 ~ 55 VDC
2.60 ~ 2.36 A
3%
130W
The total regulation on S05~S06 required to use AWG#16x5C/4FT output cable.
The total regulation on S07 required to use AWG#16x4C/4FT output cable.
The total regulation on S08~S10 required to use AWG#16x2C/4FT output cable.
The total regulation on S11~S12 required to use AWG#18x2C/4FT output cable.
The regulation and efficiency will be changed by modified output cable.
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
260
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io=Full load, Vin=230VAC
0.95
1.00
Output Power Range
Vin=90 to 260VAC
0
130
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.32
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.66
A
Low Line Inrush Current
Io=Full load, 25°C ,Cool start, Vin=115VAC
30
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
50
A
Efficiency
Io=Full Load, Vin=230VAC
88
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C


Số phần tương tự - STDA131-S11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vitec Power
STDA131-S11 Vitec-STDA131-S11 Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
More results

Mô tả tương tự - STDA131-S11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vitec Power
STDA131-SERIES Vitec-STDA131-SERIES Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
STDA130 Vitec-STDA130 Datasheet
370Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
STDA130-SERIES Vitec-STDA130-SERIES Datasheet
370Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
SMDA130 Vitec-SMDA130 Datasheet
456Kb / 2P
   130W Desktop Power Supply for Medical Equipment
SMDA130-SERIES Vitec-SMDA130-SERIES Datasheet
456Kb / 2P
   130W Desktop Power Supply for Medical Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com