công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EZJZZV270FAK bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor |
|
EZJZZV270FAK bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor |
2 / 8 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Varistors 1000 100 10 10–6 10–5 10–4 10–3 Current (A) Max. Leakage Current EZJZ□V171AA EZJZ□V171AA EZJZ□V800AA EZJZ□ V800AA EZJZ□V500AA EZJZ□V500AA Max. Clamping Voltage 10–2 10–1 100 101 (Typical curve) Multilayer Varistor, Low Capacitance Type [High speed signal lines] Mobile phone Antenna circuit, External IF DSC, DVC USB2.0, IEEE1394 PC, PDA USB2.0, IEEE1394, LAN1000BASE TV, DVD USB2.0, IEEE1394, HDMI Game console Controller, External IF Size Part No. Maximum allowable voltage DC (V) Nominal varistor voltage at 1mA (V) Capacitance (pF) at 1MHz Maximum ESD IEC61000-4-2 0402 EZJZ0V80010 10 80 1 max. [0.8 typ.] Contact discharge : 8kV EZJZ0V80015D 5 80 1.5±0.5 EZJZ0V500AA 5 50 3 max. [2.1 typ.] EZJZ0V800AA 18 80 3 max. [2.1 typ.] EZJZ0V171AA 18 170 3 max. [2.1 typ.] 0603 EZJZ1V80010 10 80 1 max. [0.8 typ.] EZJZ1V500AA 5 50 3 max. [2.1 typ.] EZJZ1V800AA 18 80 3 max. [2.1 typ.] EZJZ1V171AA 18 170 3 max. [2.1 typ.] ● Operating Temperature Range: –40 to 85 °C ✽ Recommend soldering method : Reflow soldering Features Recommended Applications ● Multilayer monolithic ceramic construction for high speed signal lines ● Ideal for USB 2.0, IEEE1394, and HDMI high speed data busses ● Applicable to high-speed signal lines, such as interfaces (e.g. USB 2.0, IEEE1394, HDMI, and so on), due to our original material technology and multilayer technology. ● Capacitance: 0.8 to 2.1 pF typ. Ratings and Characteristics Voltage vs. Current Nov. 2016 04 |
Số phần tương tự - EZJZZV270FAK |
|
Mô tả tương tự - EZJZZV270FAK |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |