công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EZJZZV270FAD bảng dữ liệu(PDF) 8 Page - Panasonic Semiconductor

tên linh kiện EZJZZV270FAD
Giải thích chi tiết về linh kiện  Multilayer Varistor for ESD pulse
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZZV270FAD bảng dữ liệu(HTML) 8 Page - Panasonic Semiconductor

  EZJZZV270FAD Datasheet HTML 1Page - Panasonic Semiconductor EZJZZV270FAD Datasheet HTML 2Page - Panasonic Semiconductor EZJZZV270FAD Datasheet HTML 3Page - Panasonic Semiconductor EZJZZV270FAD Datasheet HTML 4Page - Panasonic Semiconductor EZJZZV270FAD Datasheet HTML 5Page - Panasonic Semiconductor EZJZZV270FAD Datasheet HTML 6Page - Panasonic Semiconductor EZJZZV270FAD Datasheet HTML 7Page - Panasonic Semiconductor EZJZZV270FAD Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
Performance and Testing Methods
Characteristics
Specifications
Testing Method
Standard test
conditions
Electrical characteristics shall be measured under the following conditions.
Temp. : 5 to 35 °C, Relative humidity : 85 % or less
Varistor voltage
To meet the specified
value.
The Varistor voltage is the voltage (V
C
,or VcmA) between both end terminals of a
Varistor when specified current (CmA) is applied to it. The measurement shall be
made as quickly as possible to avoid heating effects.
Maximum
allowable voltage
To meet the specified
value.
The maximum DC voltage that can be applied continuously to a varistor.
Capacitance
To meet the specified
value.
Capacitance shall be measured at the specified frequency, bias voltage 0 V,
and measuring voltage 0.2 to 2 Vrms.
Maximum peak
current
To meet the specified
value.
The maximum current measured (Varistor voltage tolerance is within ±10 %)
when a standard impulse current of
8/20 µ seconds is applied twice with an interval of 5 minutes.
Maximum ESD
To meet the specified
value.
The maximum ESD measured (while the varistor voltage is within ±30 % of its
nominal value) when exposed to ESD 10 times
(five times for each positive-negative polarity) based on IEC61000-4-2.
Solder ability
To meet the specified
value.
The part shall be immersed into a soldering bath under the conditions below.
Solder: H63A
Soldering flux
: Ethanol solution of rosin (Concentration approx. 25 wt%)
Soldering temp.
: 230±5 °C
Period
: 4±1 s
Soldering position : Immerse both terminal electrodes until they are completely
into the soldering bath.
Resistance to
soldering heat
ΔVc / Vc : within ±10 %
After the immersion, leave the part for 24 ±2 hours under the standard condition,
then evaluate its characteristics.Soldering conditions are specified below:
Soldering conditions : 270 °C, 3 s / 260 °C, 10 s
Soldering position
: Immerse both terminal electrodes until they are completely
into the soldering bath.
Temperature
cycling
ΔVc / Vc : within ±10 %
After repeating the cycles stated below for specified number of times, leave
the part for 24±2 hours, then evaluate its characteristics.
Cycle : 5 cycles
Step
Temperature
Period
1
Max. Operating Temp.
30±3 min
2
Ordinary temp.
3 min max.
3
Min. Operating Temp.
30±3 min
4
Ordinary temp.
3 min max.
Biased Humidity
ΔVc / Vc : within ±10 %
After conducting the test under the conditions specified below, leave the part
24±2 hours, then evaluate its characteristics.
Temp.
: 40±2 °C
Humidity
: 90 to 95 %RH
Applied voltage : Maximum allowable voltage (Individually specified)
Period
: 500+24 / 0 h
High temperature
exposure
(dry heat)
ΔVc / Vc : within ±10 %
After conducting the test under the conditions specified below, leave the part
24 ±2 hours, then evaluate its characteristics.
Temp.
: Maximum operating temperature ±3 °C (Individually specified)
Applied voltage : Maximum allowable voltage (Individually specified)
Period
: 500+24 / 0h
Nov. 2016
04


Số phần tương tự - EZJZZV270FAD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
EZJZZV270FAD PANASONIC-EZJZZV270FAD Datasheet
172Kb / 8P
   Multilayer Varistors
More results

Mô tả tương tự - EZJZZV270FAD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJS1VB822 PANASONIC-EZJS1VB822 Datasheet
92Kb / 2P
   Multilayer Varistor for ESD pulse [DC voltage lines]
logo
Cooper Bussmann, Inc.
MLVA02V05C033-R COOPER-MLVA02V05C033-R Datasheet
386Kb / 5P
   Multilayer varistor ESD suppressor
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
   Multilayer varistor ESD suppressor
logo
Cooper Bussmann, Inc.
MLVA02V05C033 COOPER-MLVA02V05C033 Datasheet
327Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVB EATON-MLVB Datasheet
339Kb / 2P
   Multilayer varistor ESD suppressor
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com