công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS71116AU-12 bảng dữ liệu(PDF) 1 Page - GSI Technology

tên linh kiện GS71116AU-12
Giải thích chi tiết về linh kiện  64K x 16 1Mb Asynchronous SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GSI [GSI Technology]
Trang chủ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71116AU-12 bảng dữ liệu(HTML) 1 Page - GSI Technology

  GS71116AU-12 Datasheet HTML 1Page - GSI Technology GS71116AU-12 Datasheet HTML 2Page - GSI Technology GS71116AU-12 Datasheet HTML 3Page - GSI Technology GS71116AU-12 Datasheet HTML 4Page - GSI Technology GS71116AU-12 Datasheet HTML 5Page - GSI Technology GS71116AU-12 Datasheet HTML 6Page - GSI Technology GS71116AU-12 Datasheet HTML 7Page - GSI Technology GS71116AU-12 Datasheet HTML 8Page - GSI Technology GS71116AU-12 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
GS71116AGP/U
64K x 16
1Mb Asynchronous SRAM
7, 8, 10, 12 ns
3.3 V VDD
Center VDD and VSS
TSOP, FP-BGA
Commercial Temp
Industrial Temp
Rev: 1.10 1/2013
1/13
© 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Fast access time: 7, 8, 10, 12 ns
• CMOS low power operation: 145/125/100/85 mA at
minimum cycle time
• Single 3.3 V power supply
• All inputs and outputs are TTL-compatible
• Byte control
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package line up
GP: RoHS-compliant 400 mil, 44-pin TSOP Type II
package
U:
6 mm x 8 mm Fine Pitch Ball Grid Array package
GU: RoHS-compliant 6 mm x 8 mm Fine Pitch Ball Grid
Array package
Description
The GS71116A is a high speed CMOS static RAM organized
as 65,536-words by 16-bits. Static design eliminates the need
for external clocks or timing strobes. Operating on a single
3.3 V power supply and all inputs and outputs are TTL-
compatible. The GS71116A is available in the 6 mm x 8 mm
Fine Pitch BGA and 400 mil TSOP Type-II packages.
Pin Descriptions
Symbol
Description
A0–A15
Address input
DQ1–DQ16
Data input/output
CE
Chip enable input
LB
Lower byte enable input
(DQ1 to DQ8)
UB
Upper byte enable input
(DQ9 to DQ16)
WE
Write enable input
OE
Output enable input
VDD
+3.3 V power supply
VSS
Ground
NC
No connect
1
2
3
4
5
6
A
LB
OE
A0
A1
A2
NC
B
DQ16
UB
A3
A4
CE
DQ1
C
DQ14 DQ15
A5
A6
DQ2
DQ3
D
VSS DQ13 NC
A7
DQ4
VDD
E
VDD DQ12 NC
NC
DQ5
VSS
F
DQ11 DQ10
A8
A9
DQ7
DQ6
G
DQ9
NC
A10
A11
WE
DQ8
H
NC
A12
A13
A14
A15
NC
Fine Pitch BGA 64K x 16-Bump Configuration
6 mm x 8 mm, 0.75 mm Bump Pitch (Package U)
Top View
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A4
A3
A2
A1
A0
CE
DQ1
DQ2
DQ3
DQ4
VDD
VSS
DQ5
DQ6
DQ7
DQ8
WE
A15
A14
A13
A5
A6
A7
OE
UB
LB
DQ16
DQ15
DQ14
DQ13
VSS
VDD
DQ12
DQ11
DQ10
DQ9
NC
A8
A9
A10
Top view
21
22
24
23
A12
A11
44-pin
TSOP II
NC
NC
TSOP-II 64K x 16-Pin Configuration
Package TP


Số phần tương tự - GS71116AU-12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
GS71116AU-12 ETC1-GS71116AU-12 Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
GS71116AU-12I ETC1-GS71116AU-12I Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
More results

Mô tả tương tự - GS71116AU-12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
List of Unclassifed Man...
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L63W2A ONSEMI-N01L63W2A Datasheet
657Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
GS71024 GSI-GS71024 Datasheet
278Kb / 13P
   64K x 24 1.5Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com