công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11696V bảng dữ liệu(PDF) 4 Page - Sanyo Semicon Device

tên linh kiện LB11696V
Giải thích chi tiết về linh kiện  Direct PWM Drive Brushless Motor Predriver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11696V bảng dữ liệu(HTML) 4 Page - Sanyo Semicon Device

  LB11696V Datasheet HTML 1Page - Sanyo Semicon Device LB11696V Datasheet HTML 2Page - Sanyo Semicon Device LB11696V Datasheet HTML 3Page - Sanyo Semicon Device LB11696V Datasheet HTML 4Page - Sanyo Semicon Device LB11696V Datasheet HTML 5Page - Sanyo Semicon Device LB11696V Datasheet HTML 6Page - Sanyo Semicon Device LB11696V Datasheet HTML 7Page - Sanyo Semicon Device LB11696V Datasheet HTML 8Page - Sanyo Semicon Device LB11696V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
No.8087-4/16
LB11696V
Input state
N1 pin
N2 pin
HP output
L
L
Single Hall sensor period divided by 2
L
High or open
Single Hall sensor period
High or open
L
Three Hall sensor synthesized period divided by 2
High or open
High or open
Three Hall sensor synthesized period
N1 and N2 Pins
Since the S/S pin does not have an internal pull-up resistor, an external pull-up resistor or equivalent is required to set
the IC to the stop state. If either the S/S or PWMIN pins are not used, the unused pin input must be set to the low-level
voltage.
The HP output can be selected (by the N1 and N2 settings) to be one of the following four functions: the IN1 Hall input
converted to a pulse output (one-Hall output), the one-Hall output divided by two, the three-phase output synthesized
from the Hall inputs (three-Hall synthesized output) or the three-Hall synthesized output divided by two.
Input state
State
H
Stop
L
Start
S/S Pin
Input state
State
High or open
Output off
L
Output on
PWMIN Pin
F/R = L
F/R = H
Output
IN1
IN2
IN3
IN1
IN2
IN3
PWM
1
H
L
H
L
H
L
VH
UL
2
H
L
L
L
H
H
WH
UL
3
H
H
L
L
L
H
WH
VL
4
L
H
L
H
L
H
UH
VL
5
L
H
H
H
L
L
UH
WL
6
L
L
H
H
H
L
VH
WL
Three-Phase Logic Truth Table (“IN = ‘H’” indicates the state where IN+ > IN–.)
0.8
1
1.05
0.4
0.45
0.6
0.2
0
1.2
–20
0
20
40
60
80
120
100
0.42
0.18
Pd max — Ta
Ambient temperature, Ta —
°C
114.3mm
× 76.1mm × 1.6mm glass epoxy board
Independent
Package Dimensions
unit : mm
3191A
1
15
16
0.65
9.75
30
0.22
(0.33)
0.15
SANYO : SSOP30 (275mil)


Số phần tương tự - LB11696V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
LB11696V ONSEMI-LB11696V Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
LB11696V ONSEMI-LB11696V Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V-MPB-E ONSEMI-LB11696V-MPB-E Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
More results

Mô tả tương tự - LB11696V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
   For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LV8136V SANYO-LV8136V Datasheet
236Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
logo
ON Semiconductor
LV8136V ONSEMI-LV8136V Datasheet
214Kb / 19P
   Direct PWM Drive, Quiet Predriver IC
May, 2013
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com