công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FC0H104ZFTBR24 bảng dữ liệu(PDF) 11 Page - Kemet Corporation

tên linh kiện FC0H104ZFTBR24
Giải thích chi tiết về linh kiện  Supercapacitors FC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0H104ZFTBR24 bảng dữ liệu(HTML) 11 Page - Kemet Corporation

Back Button FC0H104ZFTBR24 Datasheet HTML 7Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 8Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 9Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 10Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 11Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 12Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 13Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 14Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6011_FC • 3/29/2017
Supercapacitors – FC Series
Measurement Conditions
Capacitance (Charge System)
Capacitanceiscalculatedfromexpression(9)bymeasuringthechargetimeconstant(τ)ofthecapacitor(C).Priorto
measurement, the capacitor is discharged by shorting both pins of the device for at least 30 minutes. In addition, use the polarity
indicator on the device to determine correct orientation of capacitor for charging.
Eo:
3.0 (V) Product with maximum operating voltage of 3.5 V
5.0 (V) Product with maximum operating voltage of 5.5 V
6.0 (V) Product with maximum operating voltage of 6.5 V
10.0 (V)Product with maximum operating voltage of 11 V
12.0 (V)Product with maximum operating voltage of 12 V
τ:
TimefromstartofcharginguntilVcbecomes0.632Eo(V)
(seconds)
Rc:
Seetablebelow(Ω).
Charge Resistor Selection Guide
Cap
FA
FE
FS
FY
FR
FM, FME
FMR, FML FMC
FG
FGR
FGH
FT
FC, FCS
HV
FYD FYH FYL
0.010 F
5,000Ω
5,000Ω
5,000Ω
0.022 F 1,000Ω
1,000Ω 2,000Ω 2,000Ω 2,000Ω 2,000Ω
2,000Ω
2,000Ω
Discharge
0.033 F
Discharge
0.047 F 1,000Ω 1,000Ω 1,000Ω 2,000Ω 1,000Ω 2,000Ω 1,000Ω
2000Ω
1,000Ω 2,000Ω
0.10 F
510Ω 510Ω 510Ω 1,000Ω 510Ω
1,000Ω
1000Ω
1,000Ω 1,000Ω Discharge 510Ω Discharge
0.22 F
200Ω 200Ω 200Ω 510Ω 510Ω
510Ω 0H: Discharge
0V:1000Ω
1,000Ω Discharge 200Ω Discharge
0.33 F
Discharge
0.47 F
100Ω 100Ω 100Ω 200Ω 200Ω
200Ω
1,000Ω Discharge 100Ω Discharge
1.0 F
51Ω
51Ω 100Ω 100Ω 100Ω
100Ω
510Ω Discharge 100Ω Discharge Discharge
1.4 F
200Ω
1.5 F
51Ω
510Ω
2.2 F
100Ω
200Ω
51Ω
2.7 F
Discharge
3.3 F
51Ω
4.7 F
100Ω
Discharge
5.0 F
100Ω
5.6 F
20Ω
10.0 F
Discharge
22.0 F
Discharge
50.0 F
Discharge
100.0 F
Discharge
200.0 F
Discharge
*Capacitance values according to the constant current discharge method.
*HV Series capacitance is measured by discharge system
Vc
Rc
Switch
C
+
Eo
Capacitance:
C =
τ
(F) (9)
Rc


Số phần tương tự - FC0H104ZFTBR24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
FC0H104ZFTBR24 NEC-FC0H104ZFTBR24 Datasheet
476Kb / 39P
   Super Capacitors
FC0H104ZFTBR24 NEC-FC0H104ZFTBR24 Datasheet
122Kb / 4P
   6. Rated Specifi cations 6.1 FC Series
logo
Kemet Corporation
FC0H104ZFTBR24 KEMET-FC0H104ZFTBR24 Datasheet
57Kb / 1P
   Supercapacitors, SMD Can, Commercial Grade, FC, 0.1 F, -20/80%, 5.5 V, V-Chip
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
More results

Mô tả tương tự - FC0H104ZFTBR24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com