công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM741J bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM741J
Giải thích chi tiết về linh kiện  Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM741J bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM741J Datasheet HTML 2Page - Texas Instruments LM741J Datasheet HTML 3Page - Texas Instruments LM741J Datasheet HTML 4Page - Texas Instruments LM741J Datasheet HTML 5Page - Texas Instruments LM741J Datasheet HTML 6Page - Texas Instruments LM741J Datasheet HTML 7Page - Texas Instruments LM741J Datasheet HTML 8Page - Texas Instruments LM741J Datasheet HTML 9Page - Texas Instruments LM741J Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
LM741-MIL
SNOSD62 – JUNE 2017
www.ti.com
Product Folder Links: LM741-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM741-MIL device is a general-purpose operational amplifier which features improved performance over
industry standards such as the LM709. It is intended for a wide range of analog applications. The high gain and
wide range of operating voltage provide superior performance in integrator, summing amplifier, and general
feedback applications. The LM741-MIL operates with either a single or dual power supply voltage. The LM741-
MIL device is a direct, plug-in replacement for the 709C, LM201, MC1439, and 748 in most applications.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Overload Protection
The LM741-MIL features overload protection circuitry on the input and output. This prevents possible circuit
damage to the device.
7.3.2 Latch-up Prevention
The LM741-MIL is designed so that there is no latch-up occurrence when the common-mode range is exceeded.
This allows the device to function properly without having to power cycle the device.
7.3.3 Pin-to-Pin Capability
The LM741-MIL is a pin-to-pin direct replacement for the LM709C, LM201, MC1439, and LM748 in most
applications. Direct replacement capabilities allows flexibility in design for replacing obsolete parts.


Số phần tương tự - LM741J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM741J NSC-LM741J Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
logo
Texas Instruments
LM741J TI1-LM741J Datasheet
365Kb / 11P
[Old version datasheet]   LM741 Operational Amplifier
LM741J TI1-LM741J Datasheet
815Kb / 18P
[Old version datasheet]   Operational Amplifier
logo
National Semiconductor ...
LM741J-14 NSC-LM741J-14 Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
logo
Texas Instruments
LM741J/883 TI1-LM741J/883 Datasheet
651Kb / 11P
[Old version datasheet]   LM741QML Operational Amplifier
More results

Mô tả tương tự - LM741J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com