công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM723 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM723
Giải thích chi tiết về linh kiện  Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM723 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM723_17 Datasheet HTML 1Page - Texas Instruments LM723_17 Datasheet HTML 2Page - Texas Instruments LM723_17 Datasheet HTML 3Page - Texas Instruments LM723_17 Datasheet HTML 4Page - Texas Instruments LM723_17 Datasheet HTML 5Page - Texas Instruments LM723_17 Datasheet HTML 6Page - Texas Instruments LM723_17 Datasheet HTML 7Page - Texas Instruments LM723_17 Datasheet HTML 8Page - Texas Instruments LM723_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM723, LM723C
www.ti.com
SNVS765C – JUNE 1999 – REVISED APRIL 2013
LM723/LM723C Voltage Regulator
Check for Samples: LM723, LM723C
1
FEATURES
DESCRIPTION
The LM723/LM723C is a voltage regulator designed
2
150 mA Output Current Without External Pass
primarily for series regulator applications. By itself, it
Transistor
will supply output currents up to 150 mA; but external
Output Currents in Excess of 10A Possible by
transistors can be added to provide any desired load
Adding External Transistors
current. The circuit features extremely low standby
current drain, and provision is made for either linear
Input Voltage 40V Max
or foldback current limiting.
Output Voltage Adjustable from 2V to 37V
The LM723/LM723C is also useful in a wide range of
Can be Used as Either a Linear or a Switching
other applications such as a shunt regulator, a
Regulator
current regulator or a temperature controller.
The LM723C is identical to the LM723 except that the
LM723C has its performance ensured over a 0°C to
+70°C temperature range, instead of
−55°C to
+125°C.
Connection Diagram
Note: Pin 5 connected to case.
Figure 1. Top View
Figure 2. Top View
CDIP Package or PDIP Package
TO-100
See Package J or NFF0014A
See Package LME
Figure 3. Top View
See Package NAJ0020A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM723_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM723 TI-LM723_15 Datasheet
807Kb / 21P
[Old version datasheet]   LM723/LM723C Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
More results

Mô tả tương tự - LM723_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com