công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM555-MWC bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM555-MWC
Giải thích chi tiết về linh kiện  LM555-MIL Timer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM555-MWC bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LM555-MWC Datasheet HTML 4Page - Texas Instruments LM555-MWC Datasheet HTML 5Page - Texas Instruments LM555-MWC Datasheet HTML 6Page - Texas Instruments LM555-MWC Datasheet HTML 7Page - Texas Instruments LM555-MWC Datasheet HTML 8Page - Texas Instruments LM555-MWC Datasheet HTML 9Page - Texas Instruments LM555-MWC Datasheet HTML 10Page - Texas Instruments LM555-MWC Datasheet HTML 11Page - Texas Instruments LM555-MWC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
COMPARATOR
TRIGGER
FLIP FLOP
COMPARATOR
RESET
+Vcc
DISCHARGE
THRESHOLD
Vref (int)
OUTPUT
STAGE
CONTROL
VOLTAGE
OUTPUT
8
LM555-MIL
SNAS745 – JUNE 2017
www.ti.com
Product Folder Links: LM555-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM555-MIL is a highly stable device for generating accurate time delays or oscillation. Additional terminals
are provided for triggering or resetting if desired. In the time delay mode of operation, the time is precisely
controlled by one external resistor and capacitor. For astable operation as an oscillator, the free running
frequency and duty cycle are accurately controlled with two external resistors and one capacitor. The circuit may
be triggered and reset on falling waveforms, and the output circuit can source or sink up to 200 mA or driver TTL
circuits. The LM555-MIL are available in 8-pin PDIP, SOIC, and VSSOP packages and is a direct replacement
for SE555/NE555.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Direct Replacement for SE555/NE555
The LM555-MIL timer is a direct replacement for SE555 and NE555. It is pin-to-pin compatible so that no
schematic or layout changes are necessary. The LM555-MIL come in an 8-pin PDIP, SOIC, and VSSOP
package.
7.3.2 Timing From Microseconds Through Hours
The LM555-MIL has the ability to have timing parameters from the microseconds range to hours. The time delay
of the system can be determined by the time constant of the R and C value used for either the monostable or
astable configuration. A nomograph is available for easy determination of R and C values for various time delays.
7.3.3 Operates in Both Astable and Monostable Mode
The LM555-MIL can operate in both astable and monostable mode depending on the application requirements.
Monostable mode: The LM555-MIL timer acts as a “one-shot” pulse generator. The pulse beings when the


Số phần tương tự - LM555-MWC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM555-MWC TI1-LM555-MWC Datasheet
1Mb / 25P
[Old version datasheet]   Timer
More results

Mô tả tương tự - LM555-MWC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM556-MIL TI1-LM556-MIL Datasheet
470Kb / 15P
[Old version datasheet]   LM556-MIL Dual Timer
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
   Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
   Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
   Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
   Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
   Timer
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
   Timer
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
[Old version datasheet]   Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com