công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1086-ADJMDC bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM1086-ADJMDC
Giải thích chi tiết về linh kiện  1.5-A Low Dropout Positive Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086-ADJMDC bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM1086-ADJMDC Datasheet HTML 7Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 8Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 9Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 10Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 11Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 12Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 13Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 14Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
LM1086-MIL
www.ti.com
SNVSAX4 – JUNE 2017
Product Folder Links: LM1086-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Overload Recovery
Overload recovery refers to the ability of the regulator to recover from a short-circuited output. A key factor in the
recovery process is the current limiting used to protect the output from drawing too much power. The current-
limiting circuit reduces the output current as the input-to-output differential increases. Refer to short-circuit curve
in Typical Characteristics.
During normal start-up, the input-to-output differential is small because the output follows the input. But, if the
output is shorted, then the recovery involves a large input to output differential. Sometimes during this condition
the current limiting circuit is slow in recovering. If the limited current is too low to develop a voltage at the output,
the voltage will stabilize at a lower level. Under these conditions it may be necessary to recycle the power of the
regulator in order to get the smaller differential voltage and thus adequate start up conditions. Refer to Typical
Characteristics for the short circuit current vs input differential voltage.
7.4 Device Functional Modes
7.4.1 Output Voltage
The LM1086-MIL adjustable version develops a 1.25-V reference voltage, (VREF), between the output and the
ADJ pin. As shown in Figure 16, this voltage is applied across resistor R1 to generate a constant current I1. This
constant current then flows through R2. The resulting voltage drop across R2 adds to the reference voltage to
sets the desired output voltage.
The current IADJ from the adjustment terminal introduces an output error . But since it is small (120 µA
maximum), it becomes negligible when R1 is in the 100-
Ω range.
For fixed voltage devices, R1 and R2 are integrated inside the devices.
Figure 16. Basic Adjustable Regulator
7.4.2 Stability Consideration
Stability consideration primarily concerns the phase response of the feedback loop. In order for stable operation,
the loop must maintain negative feedback. The LM1086-MIL requires a certain amount series resistance with
capacitive loads. This series resistance introduces a zero within the loop to increase phase margin and thus
increase stability. The equivalent series resistance (ESR) of solid tantalum or aluminum electrolytic capacitors is
used to provide the appropriate zero (approximately 500 kHz).
Aluminum electrolytics are less expensive than tantalum capacitors, but their ESR varies exponentially at cold
temperatures requiring close examination when choosing the desired transient response over temperature.
Tantalums are a convenient choice because their ESR varies less than 2:1 over temperature.
The recommended load/decoupling capacitance is a 10-µF tantalum or a 50-µF aluminum. These values assure
stability for the majority of applications.
The adjustable versions allows an additional capacitor to be used at the ADJ pin to increase ripple rejection. If
this is done increate the output capacitor to 22 µF for tantalum or to 150 µF for aluminum.
Capacitors other than tantalum or aluminum can be used at the adjust pin and the input pin. A 10-µF capacitor is
a reasonable value at the input. See Ripple Rejection regarding the value for the ADJ pin capacitor.


Số phần tương tự - LM1086-ADJMDC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM1086-ADJMDC TI1-LM1086-ADJMDC Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
More results

Mô tả tương tự - LM1086-ADJMDC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND5203 LINEAR_DIMENSIONS-LND5203 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
ams AG
AS1360 AMSCO-AS1360 Datasheet
75Kb / 2P
   1.5關A Low-Power, Positive Voltage Regulator
logo
Anaren Microwave
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
   RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com