công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM311-MIL bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
LM311-MIL bảng dữ liệu(HTML) 11 Page - Texas Instruments |
11 / 25 page 11 LM311-MIL www.ti.com SLCS163 – JUNE 2017 Product Folder Links: LM311-MIL Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 8.3 Feature Description LM311-MIL consists of a PNP input stage to sense voltages near VCC–. It also contains balance and strobe pins for external offset adjustment or trimming. The input stage is followed by a very high gain stage for very fast response after a voltage difference on the input pins have been sensed. This is then followed by the output stage that consists of an open collector NPN (pulldown or low-side) transistor. Unlike most open drain comparators, this NPN output stage has an isolated emitter from VCC–, allowing this device to set the VOL output value for collector output. 8.4 Device Functional Modes 8.4.1 Voltage Comparison The LM311-MIL operates solely as a voltage comparator, comparing the differential voltage between the positive and negative pins and outputting a logic low or high impedance (logic high with pullup) based on the input differential polarity. |
Số phần tương tự - LM311-MIL |
|
Mô tả tương tự - LM311-MIL |