công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM311-MIL bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM311-MIL
Giải thích chi tiết về linh kiện  Differential Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM311-MIL bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM311-MIL Datasheet HTML 6Page - Texas Instruments LM311-MIL Datasheet HTML 7Page - Texas Instruments LM311-MIL Datasheet HTML 8Page - Texas Instruments LM311-MIL Datasheet HTML 9Page - Texas Instruments LM311-MIL Datasheet HTML 10Page - Texas Instruments LM311-MIL Datasheet HTML 11Page - Texas Instruments LM311-MIL Datasheet HTML 12Page - Texas Instruments LM311-MIL Datasheet HTML 13Page - Texas Instruments LM311-MIL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
BAL/STRB BALANCE
IN+
IN−
450
450
2.4
k
1.2 k
70
2.4
k
1.2 k
60
400
450
2 k
200
250
600
130
4
4 k
VCC+
VCC−
EMIT OUT
COL OUT
750
600
Component Count
Resistors
20
Diodes
2
EPI FET
1
Transistors
22
Copyright © 2017, Texas Instruments Incorporated
10
LM311-MIL
SLCS163 – JUNE 2017
www.ti.com
Product Folder Links: LM311-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LM311-MIL voltage comparator has input currents nearly a thousand times lower than legacy standard
devices. The LM311-MIL is designed to operate over a wider range of supply voltages: from standard ±15-V op
amp supplies down to the single 5-V supply used for device logic. Their output is compatible with RTL, DTL and
TTL as well as MOS circuits. Further, they can drive lamps or relays, switching voltages up to 50 V at currents as
high as 50 mA.
The LM311-MIL can be isolated from system ground, and the output can drive loads referred to ground, the
positive supply or the negative supply. Offset balancing and strobe capability are provided and outputs can be
wire ORed. The LM311-MIL has a temperature range of 0°C to +70°C.
8.2 Functional Block Diagram


Số phần tương tự - LM311-MIL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM311-MWC TI1-LM311-MWC Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
LM311-MWC TI1-LM311-MWC Datasheet
1Mb / 32P
[Old version datasheet]   Voltage Comparator
More results

Mô tả tương tự - LM311-MIL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL331I TI-TL331I Datasheet
156Kb / 3P
[Old version datasheet]   DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com