công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4012BF3A bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CD4012BF3A
Giải thích chi tiết về linh kiện  CMOS NAND GATES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CD4012BF3A bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button CD4012BF3A Datasheet HTML 4Page - Texas Instruments CD4012BF3A Datasheet HTML 5Page - Texas Instruments CD4012BF3A Datasheet HTML 6Page - Texas Instruments CD4012BF3A Datasheet HTML 7Page - Texas Instruments CD4012BF3A Datasheet HTML 8Page - Texas Instruments CD4012BF3A Datasheet HTML 9Page - Texas Instruments CD4012BF3A Datasheet HTML 10Page - Texas Instruments CD4012BF3A Datasheet HTML 11Page - Texas Instruments CD4012BF3A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Mar-2017
Addendum-Page 4
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF CD4011B, CD4011B-MIL, CD4012B, CD4012B-MIL :
Catalog: CD4011B, CD4012B
Military: CD4011B-MIL, CD4012B-MIL
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product
Military - QML certified for Military and Defense Applications


Số phần tương tự - CD4012BF3A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4012BF3A TI-CD4012BF3A Datasheet
525Kb / 13P
[Old version datasheet]   CMOS NAND GATES
CD4012BF3A TI-CD4012BF3A Datasheet
523Kb / 12P
[Old version datasheet]   The CD4011B, CD4012B, and CD4023B types are supplied in 14-lead hermetic dual-in-line ceramic packages
CD4012BF3A TI1-CD4012BF3A Datasheet
1Mb / 19P
[Old version datasheet]   CMOS NAND GATES
CD4012BF3AS2534 TI1-CD4012BF3AS2534 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS NAND GATES
More results

Mô tả tương tự - CD4012BF3A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4011B TI-CD4011B Datasheet
525Kb / 13P
[Old version datasheet]   CMOS NAND GATES
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
   CMOS NAND Gates
November 1994
logo
Texas Instruments
CD4012A TI-CD4012A Datasheet
200Kb / 4P
[Old version datasheet]   CMOS NAND Gates
CD4011B TI1-CD4011B_15 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS NAND GATES
logo
Renesas Technology Corp
CD4011BMS RENESAS-CD4011BMS Datasheet
369Kb / 9P
   CMOS NAND Gates
November 1994
logo
Texas Instruments
CD4011AD3 TI1-CD4011AD3 Datasheet
371Kb / 7P
[Old version datasheet]   CMOS NAND GATES
logo
Microsemi Corporation
TSC321 MICROSEMI-TSC321 Datasheet
1Mb / 3P
   NAND Gates
TSC325 MICROSEMI-TSC325 Datasheet
853Kb / 3P
   NAND Gates
logo
Micro Electronics
MMC4011 MICRO-ELECTRONICS-MMC4011 Datasheet
106Kb / 4P
   NAND GATES
logo
STMicroelectronics
HCC4011B STMICROELECTRONICS-HCC4011B Datasheet
287Kb / 12P
   NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com