công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM139AJ bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM139AJ
Giải thích chi tiết về linh kiện  Quad Differential Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM139AJ bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM139AJ Datasheet HTML 1Page - Texas Instruments LM139AJ Datasheet HTML 2Page - Texas Instruments LM139AJ Datasheet HTML 3Page - Texas Instruments LM139AJ Datasheet HTML 4Page - Texas Instruments LM139AJ Datasheet HTML 5Page - Texas Instruments LM139AJ Datasheet HTML 6Page - Texas Instruments LM139AJ Datasheet HTML 7Page - Texas Instruments LM139AJ Datasheet HTML 8Page - Texas Instruments LM139AJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
LM139A-MIL
www.ti.com
SLCS161 – JUNE 2017
Product Folder Links: LM139A-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
(2)
The voltage at either input or common-mode must not be allowed to go negative by more than 0.3 V. The upper end of the common-
mode voltage range is VCC+ – 1.5 V; however, one input can exceed VCC, and the comparator will provide a proper output state as long
as the other input remains in the common-mode range. Either or both inputs can go to 30 V without damage.
6.5 Electrical Characteristics
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VCC = 5 V to 30 V,
VIC = VICR min,
VO = 1.4 V
TA = 25°C
1
2
mV
TA = –55°C
to +125°C
4
IIO
Input offset current
VO = 1.4 V
TA = 82.5
3
25
nA
TA = 60.7
100
IIB
Input bias current
VO = 1.4 V
TA = 59.4
–25
–100
nA
TA = 53
–300
VICR
Common-mode input-voltage
range(2)
TA = 58.4
0 to
VCC – 1.5
V
TA = 9.7
0 to
VCC – 2
AVD
Large-signal differential-voltage
amplification
VCC+ = ±7.5 V,
VO = –5 V to 5 V
TA = 25°C
50
200
V/mV
IOH
High-level output current
VID = 1 V
VOH = 5 V
TA = 25°C
0.1
nA
VOH = 30 V
TA = –55°C
to +125°C
1
μA
VOL
Low-level output voltage
VID = –1 V,
IOL = 4 mA
TA = 25°C
150
400
mV
TA = –55°C
to +125°C
700
IOL
Low-level output current
VID = –1 V,
VOL = 1.5 V
TA = 25°C
6
16
mA
ICC
Supply current
(four comparators)
VO = 2.5 V,
No load
TA = 25°C
0.8
2
mA
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
6.6 Switching Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Response time
RL connected to 5 V through 5.1 kΩ,
CL = 15 pF
(1) (2)
100-mV input step with 5-mV overdrive
1.3
μs
TTL-level input step
0.3


Số phần tương tự - LM139AJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM139AJ NSC-LM139AJ Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AJ TI-LM139AJ Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139AJ TI-LM139AJ Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139AJ TI-LM139AJ Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139AJ TI1-LM139AJ Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

Mô tả tương tự - LM139AJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com