công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS12A bảng dữ liệu(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
SS12A bảng dữ liệu(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
1 / 3 page Dimensions in inches and (millimeters) Features ■ ■ Mechanical data ■ Maximum ratings and electrical characteristics Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. OC Outline ■ • Electrostatic discharge (ESD) test under IEC6100-4-2 standard >16ΚV(S S12A-SS16A). standard >10ΚV(S S110A~SS120A). Low profile surface mounted application in order to optimize board space. Low power loss, high efficiency. High current capability, low forward voltage drop. Ultra high-speed switching. Silicon epitaxial planar chip, metal silicon junction. Suffix " H" indicates Halogen-free part, ex.SS12AH. Lead-free parts meet environmental standards of MIL- STD-19500 /228 • • • • • • • SMA(DO-214AC) • Case : Molded plastic, DO-214AC / SMA • Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 • Polarity : Indicated by cathode band • Weight : 0.002 ounce, 0.055 gram • Epoxy:UL94-V0 rated flame retardant SS12A THRU SS120A 1A Surface Mount Schottky Barrier Rectifiers I O I FSM I R C J T STG Forward rectified current Forward surge current Reverse current Thermal resistance Storage temperature Parameter See Fig.1 8.3ms single half sine-wave superimposed on rate load (JEDEC method) O V = V T = 25 C R RRM A O V = V T = 100 C R RRM A Conditions Symbol MIN. TYP. MAX. UNIT -55 +175 120 20 0.5 1.0 30 A A mA OC/W OC 88 R θJA Junction to ambient Diode junction capacitance pF f=1MHz and applied 4V DC reverse voltage Operating temperature O T ( C) J -50 ~ +150 -50 ~ +175 Max. forward voltage O @1A, T = 25 C A V (V) F 0.70 0.50 0.87 0.90 Max. DC blocking voltage V (V) R Max. RMS voltage V (V) RMS 28 42 70 14 105 140 Max. repetitive peak reverse voltage V (V) RRM 40 60 100 20 150 200 Marking code SS14A SS16A SS110A SS12A SS115A SS120A Symbol SS14 SS16 SS110 SS12 SS115 SS120 40 60 100 20 150 200 Marking code 0.45 0.81 0.09 8 (2 .50 ) 0.06 7 (1 .70 ) 0.06 7 (1 .70 ) 0.04 7 (1 .20 ) 0.114 (2 .90 ) 0.08 3 (2 .10 ) 0.18 1 (4 .60 ) 0.15 7 (4 .00 ) 0.012 (0.3 0) TYP. 0.20 9 (5 .30 ) 0.18 5 (4 .70 ) 0.06 1 (1 .55 ) 0.03 0 (0 .75 ) 0.008 (0.2 0) 0.004 (0.1 0) ht t p : // www.lgesemi.com mail:lge@lgesemi.com Revision:201 70701-P1 |
Số phần tương tự - SS12A |
|
Mô tả tương tự - SS12A |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |