công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N539XGP bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện 1N539XGP
Giải thích chi tiết về linh kiện  Glass Passivated Junction Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N539XGP bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  1N539XGP Datasheet HTML 1Page - Vishay Siliconix 1N539XGP Datasheet HTML 2Page - Vishay Siliconix 1N539XGP Datasheet HTML 3Page - Vishay Siliconix 1N539XGP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N539xGP
www.vishay.com
Vishay General Semiconductor
Revision: 13-Jun-16
2
Document Number: 88515
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) JEDEC registered values
Note
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, PCB mounted
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
1N53
91GP
1N53
92GP
1N53
93GP
1N53
94GP
1N53
95GP
1N53
96GP
1N53
97GP
1N53
98GP
1N53
99GP
UNIT
Maximum
instantaneous
forward voltage
1.5 A
TA = 70 °C
VF (1)
1.4
V
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25 °C
IR (1)
5.0
μA
TA = 150 °C
300
Typical reverse
recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
2.0
μs
Typical junction
capacitance
4.0 V, 1 MHz
CJ
15
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
1N53
91GP
1N53
92GP
1N53
93GP
1N53
94GP
1N53
95GP
1N53
96GP
1N53
97GP
1N53
98GP
1N53
99GP
UNIT
Typical thermal resistance
RJA (1)
45
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
1N5397GP-E3/54
0.425
54
4000
13" diameter paper tape and reel
1N5397GP-E3/73
0.425
73
2000
Ammo pack packaging
0
1.0
2.0
25
0
50
75
100
125
150
175
0.5
Lead Temperature (°C)
T
A = Ambient Temperature
T
L = Lead Temperature
60 Hz
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
0
10
20
30
50
40
1
100
10
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave


Số phần tương tự - 1N539XGP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
1N539XGP VISHAY-1N539XGP Datasheet
76Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
1N539XGP VISHAY-1N539XGP_V01 Datasheet
76Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results

Mô tả tương tự - 1N539XGP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transys Electronics
TE150 TRSYS-TE150 Datasheet
105Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TE600A TRSYS-TE600A Datasheet
160Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
1N4001G CHENYI-1N4001G Datasheet
140Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Pan Jit International I...
PG4001 PANJIT-PG4001_07 Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG5391 PANJIT-PG5391_09 Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
GP30A VISHAY-GP30A Datasheet
75Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 15-Mar-11
1N4001GP VISHAY-1N4001GP_V01 Datasheet
84Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
1N4245GP VISHAY-1N4245GP_V01 Datasheet
79Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP10-4002 VISHAY-GP10-4002_V01 Datasheet
79Kb / 4P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP15A VISHAY-GP15A_V01 Datasheet
75Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com