công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FQPF8N80C bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor |
|
FQPF8N80C bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor |
2 / 10 page Rev. A, March 2003 ©2003 Fairchild Semiconductor Corporation Electrical Characteristics TC = 25°C unless otherwise noted Notes: 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L = 25mH, IAS = 8A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C 3. ISD ≤ 8A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C 4. Pulse Test : Pulse width ≤ 300 µs, Duty cycle ≤ 2% 5. Essentially independent of operating temperature Symbol Parameter Test Conditions Min Typ Max Units Off Characteristics BVDSS Drain-Source Breakdown Voltage VGS = 0 V, ID = 250 µA 800 -- -- V ∆BV DSS / ∆T J Breakdown Voltage Temperature Coefficient ID = 250 µA, Referenced to 25°C -- 0.5 -- V/°C IDSS Zero Gate Voltage Drain Current VDS = 800 V, VGS = 0 V -- -- 10 µA VDS = 640 V, TC = 125°C -- -- 100 µA IGSSF Gate-Body Leakage Current, Forward VGS = 30 V, VDS = 0 V -- -- 100 nA IGSSR Gate-Body Leakage Current, Reverse VGS = -30 V, VDS = 0 V -- -- -100 nA On Characteristics VGS(th) Gate Threshold Voltage VDS = VGS, ID = 250 µA 3.0 -- 5.0 V RDS(on) Static Drain-Source On-Resistance VGS = 10 V, ID = 4 A -- 1.29 1.55 Ω gFS Forward Transconductance VDS = 50 V, ID = 4 A (Note 4) -- 5.6 -- S Dynamic Characteristics Ciss Input Capacitance VDS = 25 V, VGS = 0 V, f = 1.0 MHz -- 1580 2050 pF Coss Output Capacitance -- 135 175 pF Crss Reverse Transfer Capacitance -- 13 17 pF Switching Characteristics td(on) Turn-On Delay Time VDD = 400 V, ID = 8 A, RG = 25 Ω (Note 4, 5) -- 40 90 ns tr Turn-On Rise Time -- 110 230 ns td(off) Turn-Off Delay Time -- 65 140 ns tf Turn-Off Fall Time -- 70 150 ns Qg Total Gate Charge VDS = 640 V, ID = 8 A, VGS = 10 V (Note 4, 5) -- 35 45 nC Qgs Gate-Source Charge -- 10 -- nC Qgd Gate-Drain Charge -- 14 -- nC Drain-Source Diode Characteristics and Maximum Ratings IS Maximum Continuous Drain-Source Diode Forward Current -- -- 8 A ISM Maximum Pulsed Drain-Source Diode Forward Current -- -- 32 A VSD Drain-Source Diode Forward Voltage VGS = 0 V, IS = 8 A -- -- 1.4 V trr Reverse Recovery Time VGS = 0 V, IS = 8 A, dIF / dt = 100 A/µs (Note 4) -- 690 -- ns Qrr Reverse Recovery Charge -- 8.2 -- µC |
Số phần tương tự - FQPF8N80C |
|
Mô tả tương tự - FQPF8N80C |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |