công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN1216MTD bảng dữ liệu(PDF) 9 Page - Fairchild Semiconductor

tên linh kiện FIN1216MTD
Giải thích chi tiết về linh kiện  LVDS 21-Bit Serializers/De-Serializers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1216MTD bảng dữ liệu(HTML) 9 Page - Fairchild Semiconductor

Back Button FIN1216MTD Datasheet HTML 5Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 6Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 7Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 8Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 9Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 10Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 11Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 12Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
www.fairchildsemi.com
Receiver AC Electrical Characteristics
Over supply voltage and operating temperatures, unless otherwise specified
Note 17: Receiver skew margin is defined as the valid sampling window after considering potential setup/hold time and minimum/maximum bit position.
Note 18: Total channel latency from serializer to deserializer is (T
+ t
TCCD) + (2*T + tRCCD). There is the clock period.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
tRCOL
RxCLKOut LOW Time
10.0
11.0
ns
tRCOH
RxCLKOut HIGH Time
See Figure 8
10.0
12.2
ns
tRSRC
RxOut Valid Prior to RxCLKOut
(Rising Edge Strobe)
6.5
11.6
ns
tRHRC
RxOut Valid After RxCLKOut
(f
= 40 MHz)
6.0
11.6
ns
tRCOP
Receiver Clock Output (RxCLKOut) Period
15.0
T
50.0
ns
tRCOL
RxCLKOut LOW Time
See Figure 8
5.0
7.8
9.0
ns
tRCOH
RxCLKOut HIGH Time
(Rising Edge Strobe)
5.0
7.3
9.0
ns
tRSRC
RxOut Valid Prior to RxCLKOut
(f
= 65 MHz)
4.5
7.7
ns
tRHRC
RxOut Valid After RxCLKOut
4.0
8.4
ns
tRCOP
Receiver Clock Output (RxCLKOut) Period
11.76
T
50.0
ns
tRCOL
RxCLKOut LOW Time
See Figure 8
4.0
6.3
6.0
ns
tRCOH
RxCLKOut HIGH Time
(Rising Edge Strobe)
4.5
5.4
6.5
ns
tRSRC
RxOut Valid Prior to RxCLKOut
(f
= 85 MHz) (FIN1218 only)
3.5
6.3
ns
tRHRC
RxOut Valid After RxCLKOut
3.5
6.5
ns
tROLH
Output Rise Time (20% to 80%)
CL = 8 pF
2.2
5.0
ns
tROHL
Output Fall Time (80% to 20%)
See Figure 5
2.1
5.0
ns
tRCCD
Receiver Clock Input to Clock Output Delay
See Figure 10 (Note 18)
3.5
6.9
7.5
ns
TA = 25°C and VCC = 3.3V
tRPDD
Receiver Power-Down Delay
See Figure 14
1.0
µs
tRSPB0
Receiver Input Strobe Position of Bit 0
1.0
2.15
ns
tRSPB1
Receiver Input Strobe Position of Bit 1
4.5
5.8
ns
tRSPB2
Receiver Input Strobe Position of Bit 2
See Figure 17
8.1
9.15
ns
tRSPB3
Receiver Input Strobe Position of Bit 3
(f
= 40 MHz)
11.6
12.6
ns
tRSPB4
Receiver Input Strobe Position of Bit 4
15.1
16.3
ns
tRSPB5
Receiver Input Strobe Position of Bit 5
18.8
19.9
ns
tRSPB6
Receiver Input Strobe Position of Bit 6
22.5
23.6
ns
tRSPB0
Receiver Input Strobe Position of Bit 0
0.7
1.4
ns
tRSPB1
Receiver Input Strobe Position of Bit 1
2.9
3.6
ns
tRSPB2
Receiver Input Strobe Position of Bit 2
See Figure 17
5.1
5.8
ns
tRSPB3
Receiver Input Strobe Position of Bit 3
(f
= 65 MHz)
7.3
8.0
ns
tRSPB4
Receiver Input Strobe Position of Bit 4
9.5
10.2
ns
tRSPB5
Receiver Input Strobe Position of Bit 5
11.7
12.4
ns
tRSPB6
Receiver Input Strobe Position of Bit 6
13.9
14.6
ns
tRSPB0
Receiver Input Strobe Position of Bit 0
0.49
1.19
ns
tRSPB1
Receiver Input Strobe Position of Bit 1
2.17
2.87
ns
tRSPB2
Receiver Input Strobe Position of Bit 2
3.85
4.55
ns
tRSPB3
Receiver Input Strobe Position of Bit 3
See Figure 17
5.53
6.23
ns
tRSPB4
Receiver Input Strobe Position of Bit 4
(f
= 85 MHz) (FIN1218 only)
7.21
7.91
ns
tRSPB5
Receiver Input Strobe Position of Bit 5
8.89
9.59
ns
tRSPB6
Receiver Input Strobe Position of Bit 6
10.57
11.27
ns
tRSKM
RxIn Skew Margin
f
= 40 MHz; See Figure 18
490
ps
(Note 17)
f
= 65 MHz; See Figure 18
400
f
= 85 MHz (FIN1218 only);
252
See Figure 18
tRPLLS
Receiver Phase Lock Loop Set Time
See Figure 12
10.0
ms


Số phần tương tự - FIN1216MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN1216MTD FAIRCHILD-FIN1216MTD Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1216MTDX FAIRCHILD-FIN1216MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1216MTDX ONSEMI-FIN1216MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1216MTDX_NL FAIRCHILD-FIN1216MTDX_NL Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
More results

Mô tả tương tự - FIN1216MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN1215MTDX FAIRCHILD-FIN1215MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com