công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL101HH11 bảng dữ liệu(PDF) 2 Page - Taoglas antenna solutions

tên linh kiện TL101HH11
Giải thích chi tiết về linh kiện  Wideband Direct Mount antenna
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAOGLAS [Taoglas antenna solutions]
Trang chủ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TL101HH11 bảng dữ liệu(HTML) 2 Page - Taoglas antenna solutions

  TL101HH11 Datasheet HTML 1Page - Taoglas antenna solutions TL101HH11 Datasheet HTML 2Page - Taoglas antenna solutions TL101HH11 Datasheet HTML 3Page - Taoglas antenna solutions TL101HH11 Datasheet HTML 4Page - Taoglas antenna solutions TL101HH11 Datasheet HTML 5Page - Taoglas antenna solutions TL101HH11 Datasheet HTML 6Page - Taoglas antenna solutions TL101HH11 Datasheet HTML 7Page - Taoglas antenna solutions TL101HH11 Datasheet HTML 8Page - Taoglas antenna solutions TL101HH11 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SPE-13-8-048/D/WY
Page 2 of 24
1.
Introduction
The Shockwave TL.10 NMO series is a new generation of antenna, one part number
that is a highly efficient, high gain omni-directional permanent mount antenna
designed for all common Cellular, Wi-Fi and ISM bands worldwide. It is specially
designed for easy and cost effective vandal-proof and waterproof mounting
requirements on meters, terminal boxes, and heavy equipment and vehicles.
In installation, the antenna connects to a NMO Mount connector jutting out from
a metal panel. A unique indent tab on the base itself on the antenna allows a
wrench to be used to solidly lock the antenna on top of its mounting location, thus
preventing removal by hand later by vandals, but crucially allowing for
replacement antenna to be installed by qualified personnel in the future without
the need to open the device or box it is mounted on itself. A waterproof O-ring
around the bottom outer edge prevents water leaking under the antenna.
The antenna is IP67 waterproof and IP69K resistant against high pressure water
jets in commercial cleaning environments, incorporating highest quality stainless
steel mounting base ensuring corrosion resistance.
The Shockwave TL.10 has been tested on a variety of mounting conditions as
below specification, with excellent efficiency and gain measured in all typical
common mounting conditions. Radiation patterns are consistent, and show very
good stability in the azimuth on lower and upper bands.
Housing, frequency application, mounting type and connector are customizable,
subject to minimum order quantities. Please contact your local Taoglas sales office
for more information. The antenna also comes in White as standard.


Số phần tương tự - TL101HH11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
E-SWITCH
TL1014 E-SWITCH-TL1014 Datasheet
158Kb / 1P
   TACT SWITCHES SMT - SIDE MOUNT ACTUATED
TL1014AF180QG E-SWITCH-TL1014AF180QG Datasheet
158Kb / 1P
   TACT SWITCHES SMT - SIDE MOUNT ACTUATED
TL1014BF180QG E-SWITCH-TL1014BF180QG Datasheet
158Kb / 1P
   TACT SWITCHES SMT - SIDE MOUNT ACTUATED
TL1015 E-SWITCH-TL1015 Datasheet
514Kb / 1P
   TACT SWITCHS SMT - TOP ACTUATED
TL1015AF160QG E-SWITCH-TL1015AF160QG Datasheet
514Kb / 1P
   TACT SWITCHS SMT - TOP ACTUATED
More results

Mô tả tương tự - TL101HH11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taoglas antenna solutio...
TL.10.1HH11W TAOGLAS-TL.10.1HH11W_17 Datasheet
2Mb / 22P
   WIDEBAND DIRECT MOUNT ANTENNA
TL.10.1HH11 TAOGLAS-TL.10.1HH11_17 Datasheet
1Mb / 24P
   Wideband Direct Mount antenna
logo
Laird Tech Smart Techno...
OC69271 LSTD-OC69271 Datasheet
1Mb / 4P
   LTE Direct Mount Omnidirectional Antenna
logo
List of Unclassifed Man...
SGGP.25.2-A.02 ETC2-SGGP.25.2-A.02 Datasheet
1Mb / 16P
   SMD direct mount ceramic patch antenna
logo
Pulse A Technitrol Comp...
GNSSDM700 PULSE-GNSSDM700 Datasheet
2Mb / 18P
   WiFi /Active GNSS Direct Mount Antenna
ARMXXXXXDM PULSE-ARMXXXXXDM Datasheet
4Mb / 26P
   Vehicular Multiband Antenna with Direct Mount
logo
Taoglas antenna solutio...
SGGP.12.4.A.02 TAOGLAS-SGGP.12.4.A.02 Datasheet
1Mb / 19P
   SMT direct mount ceramic patch antenna
SGGP.25.2-A.02 TAOGLAS-SGGP.25.2-A.02 Datasheet
1Mb / 16P
   SMD direct mount ceramic patch antenna
FXUB65.07.0180C TAOGLAS-FXUB65.07.0180C Datasheet
1Mb / 15P
   Flexible Wideband Antenna
FXUB68.07.0180C TAOGLAS-FXUB68.07.0180C Datasheet
7Mb / 15P
   Flexible Wideband Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com