công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMA101ABI001 bảng dữ liệu(PDF) 2 Page - Taoglas antenna solutions

tên linh kiện LMA101ABI001
Giải thích chi tiết về linh kiện  Gemini 2*LTE 4G MIMO Magnetic Antenna
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAOGLAS [Taoglas antenna solutions]
Trang chủ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LMA101ABI001 bảng dữ liệu(HTML) 2 Page - Taoglas antenna solutions

  LMA101ABI001 Datasheet HTML 1Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 2Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 3Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 4Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 5Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 6Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 7Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 8Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SPE-17-8-017-B
Page 2 of 26
1. Introduction
The Gemini LMA101 features eight embedded super-magnets for easy and robust
installation on metal surfaces.
This 2*2 LTE 4G MIMO is a robust external antenna that is fully IP67 waterproof for use
with all 4G/3G/2G MIMO cellular routers and access points worldwide. It includes two
embedded high efficiency LTE MIMO antennas. The antenna elements operate at all
common and 4G LTE bands worldwide; 698-960MHz, 1710-2170MHz, 2490-2690MHz,
which also include the 3G and 2G bands, meaning the antenna can also be used as fallback
on 2G or 3G applications. High isolation and low ECC between the two embedded MIMO
antennas prevents self-interference. Low loss cables are used to keep efficiency high over
long cable lengths up to 5 meters.
This unique antenna offers three methods for easy installation. A bracket on the back of
the antenna enables easy wall installation, keeping your work station free from clutter.
The antenna can also be placed directly on a flat surface using the stand holder or mounted
magnetically using eight super magnets for secure and permanent base mounting.
Typical Applications
HD Real-time Streaming Video over LTE
Intelligent Transport Systems
Internet of Things (IoT market)
Digital Signage
HD Broadcast Systems
Wireless 4G LTE MIMO M2M devices with legacy 3G Functionality.
Cable length and connector types are customizable. Contact your regional Taoglas sales
office for support.


Số phần tương tự - LMA101ABI001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taoglas antenna solutio...
LMA101.A.BI.001 TAOGLAS-LMA101.A.BI.001 Datasheet
2Mb / 26P
   Gemini 2*LTE 4G MIMO Magnetic Antenna
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
More results

Mô tả tương tự - LMA101ABI001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taoglas antenna solutio...
LMA101.A.BI.001 TAOGLAS-LMA101.A.BI.001 Datasheet
2Mb / 26P
   Gemini 2*LTE 4G MIMO Magnetic Antenna
PAD71XA TAOGLAS-PAD71XA Datasheet
1Mb / 21P
   GEMINI EMBEDDED LTE MIMO 2*2 ANTENNA
PAD.71X.A TAOGLAS-PAD.71X.A_17 Datasheet
1Mb / 21P
   GEMINI EMBEDDED LTE MIMO 2*2 ANTENNA
LMA100.A.BI.001 TAOGLAS-LMA100.A.BI.001_18 Datasheet
2Mb / 22P
   Gemini LTE 4G MIMO 2X2 Antenna for Routers and Access Points
FXUB71.A.07.C.001 TAOGLAS-FXUB71.A.07.C.001_17 Datasheet
2Mb / 18P
   Embedded Flexible 4G LTE MIMO 2*2 Antenna
FXUB70.A.07.C.001 TAOGLAS-FXUB70.A.07.C.001_17 Datasheet
2Mb / 18P
   4G LTE Wide Band Flex MIMO Antenna
FXUB70A07C001 TAOGLAS-FXUB70A07C001 Datasheet
2Mb / 21P
   4G LTE Wide Band Flex MIMO Antenna
logo
List of Unclassifed Man...
SR4L002 ETC1-SR4L002 Datasheet
2Mb / 24P
   Antenna for 4G LTE applications including MIMO systems.
logo
Suzhou Maswell Communic...
AN_MASTER_001-4 MASWELL-AN_MASTER_001-4 Datasheet
1Mb / 14P
   Maswell 5G/4G/LTE GNSS Panel MIMO Combo Antenna
AN_GSM_201_MIMO MASWELL-AN_GSM_201_MIMO Datasheet
511Kb / 3P
   4G LTE MIMO High Gain Panel Antenna 700 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com