công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCS0402HP bảng dữ liệu(PDF) 4 Page - Vishay Siliconix

tên linh kiện MCS0402HP
Giải thích chi tiết về linh kiện  High Power Thin Film Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402HP bảng dữ liệu(HTML) 4 Page - Vishay Siliconix

  MCS0402HP Datasheet HTML 1Page - Vishay Siliconix MCS0402HP Datasheet HTML 2Page - Vishay Siliconix MCS0402HP Datasheet HTML 3Page - Vishay Siliconix MCS0402HP Datasheet HTML 4Page - Vishay Siliconix MCS0402HP Datasheet HTML 5Page - Vishay Siliconix MCS0402HP Datasheet HTML 6Page - Vishay Siliconix MCS0402HP Datasheet HTML 7Page - Vishay Siliconix MCS0402HP Datasheet HTML 8Page - Vishay Siliconix MCS0402HP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MCS 0402 HP, MCT 0603 HP, MCU 0805 HP
www.vishay.com
Vishay Beyschlag
Revision: 13-Apr-17
4
Document Number: 28916
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DESCRIPTION
Production is strictly controlled and follows an extensive set
of
instructions
established
for
reproducibility.
A
homogeneous film of special metal alloy is deposited on a
high grade ceramic substrate (Al2O3) and conditioned to
achieve the desired temperature coefficient. Specially
designed inner contacts are deposited on both sides. A
special laser is used to achieve the target value by smoothly
cutting a meander groove in the resistive layer without
damaging the ceramics. The resistor elements are covered
by a unique protective coating designed for electrical,
mechanical and climatic protection. The terminations
receive a final pure matte tin on nickel plating.
The result of the determined production is verified by an
extensive
testing
procedure
and
optical
inspection
performed on 100 % of the individual chip resistors. This
includes full screening for the elimination of products with
potential risk of early field failures (feasible for R
 10 ).
Only accepted products are laid directly into the paper tape
in accordance with IEC 60286-3 Type 1a (1).
ASSEMBLY
The resistors are suitable for processing on automatic SMD
assembly systems. They are suitable for automatic
soldering using wave, reflow or vapor phase as shown in
IEC 61760-1 (1). The encapsulation is resistant to all
cleaning solvents commonly used in the electronics
industry, including alcohols, esters and aqueous solutions.
The suitability of conformal coatings, potting compounds
and their processes, if applied, shall be qualified by
appropriate means to ensure the long-term stability of the
whole system.
The resistors are RoHS-compliant; the pure matte tin plating
provides
compatibility
with
lead
(Pb)-free
and
lead-containing
soldering
processes.
Solderability
is
specified for 2 years after production or requalification. The
permitted storage time is 20 years. The immunity of the
plating against tin whisker growth has been proven under
extensive testing.
MATERIALS
Vishay acknowledges the following systems for the
regulation of hazardous substances:
• IEC 62474, Material Declaration for Products of and for the
Electrotechnical Industry, with the list of declarable
substances given therein (2)
• The
Global
Automotive
Declarable
Substance
List
(GADSL) (3)
• The REACH regulation (1907/2006/EC) and the related list
of substances with very high concern (SVHC) (4) for its
supply chain
The products do not contain any of the banned substances
as per IEC 62474, GADSL, or the SVHC list, see
www.vishay.com/how/leadfree.
Hence the products fully comply with the following
directives:
• 2000/53/EC End-of-Life Vehicle Directive (ELV) and
Annex II (ELV II)
• 2011/65/EU
Restriction
of
the
Use
of
Hazardous
Substances
Directive
(RoHS)
with
amendment
2015/863/EU
• 2012/19/EU Waste Electrical and Electronic Equipment
Directive (WEEE)
Vishay pursues the elimination of conflict minerals from its
supply
chain,
see
the
Conflict
Minerals
Policy
at
www.vishay.com/doc?49037.
APPROVALS
Where applicable the resistors are tested within the
IECQ-CECC Quality Assessment System for Electronic
Components to the detail specification EN 140401-801
which refers to EN 60115-1, EN 60115-8 and the variety of
environmental test procedures of the IEC 60068 (1) series.
The resistors are qualified according to AEC-Q200.
Vishay
Beyschlag
has
achieved
“Approval
of
Manufacturer” in accordance with IECQ 03-1. The release
certificate
for
“Technology
Approval
Schedule”
in
accordance with CECC 240001 based on IECQ 03-3-1 is
granted for the Vishay Beyschlag manufacturing process.
RELATED PRODUCTS
For high power and high temperature applications MCW AT
wide terminal thin film chip resistors offer extremely high
power ratings in compact 0406 and 0612 case size and
extraordinary temperature cycling robustness. Please refer
to the datasheets:
MCW 0406 AT - Precision
(www.vishay.com/doc?28847) and
MCW 0406 AT, MCW 0612 AT - Professional
(www.vishay.com/doc?28796).
Notes
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents
(2) The IEC 62474 list of declarable substances is maintained in a dedicated database, which is available at http://std.iec.ch/iec62474
(3) The Global Automotive Declarable Substance List (GADSL) is maintained by the American Chemistry Council and available at www.gadsl.org
(4) The SVHC list is maintained by the European Chemical Agency (ECHA) and available at http://echa.europa.eu/candidate-list-table


Số phần tương tự - MCS0402HP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCS0402HP VISHAY-MCS0402HP Datasheet
156Kb / 10P
   High Power Thin Film Chip Resistors
01-Jan-2022
More results

Mô tả tương tự - MCS0402HP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
WALSIN TECHNOLOGY CORPO...
SFXXQ_Q WALSIN-SFXXQ_Q Datasheet
1Mb / 10P
   High Power Thin Film Chip Resistors
logo
Vishay Siliconix
MCU0402HP VISHAY-MCU0402HP_V01 Datasheet
156Kb / 10P
   High Power Thin Film Chip Resistors
01-Jan-2022
logo
NIC-Components Corp.
NTRH NIC-NTRH Datasheet
455Kb / 5P
   High Power Thin Film Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WFXXQ WALSIN-WFXXQ Datasheet
1Mb / 10P
   High Precision Power Thin Film Chip Resistors
SFXXQ_A WALSIN-SFXXQ_A Datasheet
1Mb / 10P
   High Precision Power Thin Film chip resistors
WFXXQ_Q WALSIN-WFXXQ_Q Datasheet
1Mb / 10P
   High Precision Power Thin Film Chip Resistors
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
   Thin Film Chip Resistors
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WFXXB WALSIN-WFXXB Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
SFXXT_A WALSIN-SFXXT_A Datasheet
1Mb / 10P
   High Precision Thin Film chip resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com