công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL22SCAW015C bảng dữ liệu(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
TL22SCAW015C bảng dữ liệu(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
4 / 6 page Series TL Fully Illuminated Toggles A129 A www.nkkswitches.com Exopy Seal (3.0) .118 (2.0) .079 Solder Lug Thk = (0.8) Typ .031 (1.17) .046 (2.0) Typ .079 (1.1) Typ .043 (5.0) .197 (5.4) .213 Turret LED Thk = (0.6) .024 (3.5) .138 CONTACT MATERIALS, RATINGS, & TERMINALS Silver Contacts Power Level 6A @ 125V AC & 3A @ 250V AC & 6A @ 12V DC W 01 G Gold Contacts Logic Level 0.4VA maximum @ 28V AC/DC See Supplement Index for complete explanation of operating range. TOGGLE LENGTHS & COLORS .689” (17.5mm) D (17.5) .689 (11.0) .433 S Combines with Silver Contacts only Material: Polycarbonate Combines with Gold Contacts only Material: Polycarbonate HOUSING Black A The housing consists of the one-piece bushing/case of glass fiber reinforced polyamide in black color only. The diallyl phthalate material used for the base is UL flammability rated 94V-0; housing material is not. Colors Available for Bright LED Red Amber Green C D F N Color Available for Super Bright LED No Color (Appearance is matte finish of clear material) Solder Lug Terminals .433” (11.0mm) POLE & CIRCUIT Toggle Position Connected Terminals Throw & Power/Lamp Schematics Pole Model Down Center Up Down Center Up Notes: Terminal numbers are not actually on switch. Lamp circuit is isolated and requires an external power source. DP TL22 ON NONE ON 1-1b 2-2b OPEN 1-1a 2-2a DPDT (+) (-) Keyway Keyway 1 1b 2b 2 (COM) 1a 2a |
Số phần tương tự - TL22SCAW015C |
|
Mô tả tương tự - TL22SCAW015C |